công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Q1553-2 bảng dữ liệu(PDF) 1 Page - Pulse A Technitrol Company |
|
Q1553-2 bảng dữ liệu(HTML) 1 Page - Pulse A Technitrol Company |
1 / 3 page M224.B (11/14) 1 pulseelectronics.com MIL-STD-1553 Transformers I mpedance (see next page) Droop £ 20% Overshoot ±1V MAX Common Mode Rejection (CMR) £ 45dB Frequency Range (no load) 75kHz to 1MHz Operating Temperature Range -55°C to 130°C Weight £ 5 grams Insualtion Resistance (MIN) 10K M Ω @ 250Vdc Dielectric Withstanding Voltage 100Vrms Summary Performance Specifications Package A Package G .625 MAX 15,86 .625 15,86 MAX 6 2 4 1 5 7 8 3 .250 6,35 MAX .500 12,70 .200 5,08 .375 9,53 MIN .100 2,54 .020 ± .002 0,51 ± 0,05 Ø 8 4 3 1 2 6 7 5 .020 0,51 .625 MAX 15,86 .625 15,86 MAX 6 2 4 1 5 7 8 3 .250 6,35 MAX .500 12,70 .200 5,08 .375 9,53 MIN .100 2,54 .020 ± .002 0,51 ± 0,05 Ø 8 4 3 1 2 6 7 5 Notes: 1. All dimensions are in inches. 2. Tolerances: .xx = +.008 3. All specifications and dimensions are subject to change without notice. Qualified for use in QPL MIL-STD-1553 applications Dual ratio in a single package (see Schematic) MSL: 1 Designed, built, and tested to MIL-PRF-21038 Levels* C, M, and T Two packages available: Package A without standoffs, and Package G with standoffs Built in ISO 9001 facility Applicable specifications n MIL-STD-1553B n MIL-STD-202 n MIL-PRF-21038 n ISO 9001 * n Level C - for high reliability commercial/industrial applications n Level M - for general purpose military applications n Level T - for high reliability critical military applications Dual Ratio THT QPL Pulse Transformers |
Số phần tương tự - Q1553-2 |
|
Mô tả tương tự - Q1553-2 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |