công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CB018D0103 bảng dữ liệu(PDF) 5 Page - AVX Corporation

tên linh kiện CB018D0103
Giải thích chi tiết về linh kiện  Film Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVX [AVX Corporation]
Trang chủ  http://www.avx.com
Logo AVX - AVX Corporation

CB018D0103 bảng dữ liệu(HTML) 5 Page - AVX Corporation

  CB018D0103 Datasheet HTML 1Page - AVX Corporation CB018D0103 Datasheet HTML 2Page - AVX Corporation CB018D0103 Datasheet HTML 3Page - AVX Corporation CB018D0103 Datasheet HTML 4Page - AVX Corporation CB018D0103 Datasheet HTML 5Page - AVX Corporation CB018D0103 Datasheet HTML 6Page - AVX Corporation CB018D0103 Datasheet HTML 7Page - AVX Corporation CB018D0103 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
43
Film Chip Capacitors
PPS DIELECTRIC – CB Series
MOUNTING AND SOLDERING RECOMMENDATIONS
RECOMMENDED SOLDER PASTE THICKNESS
For optimum solderability, the recommended soldering
paste thickness: 1206 to 1812 :150 to 200μm
In case of hand soldering, the temperature of the soldering
iron should not be above 250°C. Special care must be taken
to avoid touching the capacitor body with the iron tip.
RECOMMENDED CLEANING
To clean flux from the PC board assembly, the recommended
products are: ethanol, isopropyl alcohol, and deionized water
wash. The cleaning products to avoid are: Toluene, Xylene,
Trichloroethylene, Terpene Cleaner EC-7, surface active
agent. In case of using another solvent, please contact us.
OTHER CAUTIONS
Flame retardancy: the dielectric film is not a flame retardant
material.
Environment: contact us when chips are used in humid or
gas atmosphere and /or when using resin.
Recommended handling: do not use edged tools, so not
to damage the capacitors.
TIN WHISKERS TESTS : JEDEC STANDARD NO 22A121
Stress Type
Ref. Spec.
Test Conditions
Analysis
Results
Temperature cycling
JESD22-A104
-55°C +85(+10/-0)°C air
SEM x 1000
Pass
5 to 10 minutes soak 3 cycles/hour
Ambient Temperature /
30+/-2°C - 60+/-3% RH -2000H
SEM x 1000
Pass
Humidity Storage
High Temperature /
70+/-5°C - 93+3/-2% RH -1000H
SEM x 1000
Pass
Humidity Storage
Size Code
Case Size
A
B
C
01
1206
1.30 (0.051)
1.30 (0.051)
2.20 (0.087)
02
1210
2.00 (0.079)
1.30 (0.051)
2.20 (0.087)
03
1812
3.00 (0.118)
1.50 (0.059)
3.50 (0.137)
PAD DIMENSIONS: millimeters (inches)
A
CB
*Reflow soldering referring to JEDEC Standard with some limitations
*JEDEC J-Std 020C
SOLDERING PROFILE
The capacitors can be mounted using infrared and vapor phase soldering following recommended below.
They are NOT suitable for wave soldering.
All temperature refer to topside of the package, measured on the package body surface.
Profile Feature
1206 to 1812
Ramp-Up (Ts max to Tp)
3°C / second max
Preheat
- Temperature Min (Ts min)
150°C
- Temperature Min (Ts max)
200°C
- Time (ts min to ts max)
180 sec. max
Time maintained above
- Temperature (TL)
217°C
- Time (tL)
90 sec. max
Peak temperature (Tp)
260°C
Time within 5°C of peak
10 sec.
temperature (tp)
Ramp-Down
6°C / sec.
030
Time (seconds)
60
90
120 150 180 210 240
Ramp
down
Ramp up
270 300 330
Tp
Tp - 5ºC
Ts min
Ts max
TL
tS
tp
tL


Số phần tương tự - CB018D0103

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CB012T2R2M ETC1-CB012T2R2M Datasheet
781Kb / 16P
   WOUND CHIP INDUCTORS
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB017C0102JBA AVX-CB017C0102JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB017C0103 AVX-CB017C0103 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
More results

Mô tả tương tự - CB018D0103

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVX Corporation
CB037D0224JBA AVX-CB037D0224JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
   Thin-Film Chip Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
logo
EPCOS
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com