công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ14201TZX-ADJ/NOPB bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ14201TZX-ADJ/NOPB
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ14201TZX-ADJ/NOPB bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LMZ14201TZX-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LMZ14201TZX-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LMZ14201TZX-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LMZ14201TZX-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LMZ14201TZX-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LMZ14201TZX-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LMZ14201TZX-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LMZ14201TZX-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LMZ14201TZX-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LMZ14201
www.ti.com
SNVS649I – JANUARY 2010 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
Limits are for TJ = 25°C only unless otherwise noted. Minimum and Maximum limits are ensured through test, design or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: VIN = 24 V, Vout = 3.3 V
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
REGULATION AND OVERVOLTAGE COMPARATOR
VFB
In-regulation feedback
VSS >+ 0.8 V
0.798
voltage
TJ = -40°C to
over the junction temperature
V
125°C
.777
0.818
(TJ) range of –40°C to +125°C
IO = 1 A
VSS > +0.8 V
TJ = 25°C
0.786
0.802
0.818
V
IO = 10 mA
VFB-OV
Feedback overvoltage
0.92
V
protection threshold
IFB
Feedback input bias
5
nA
current
IQ
Non Switching Input
VFB= 0.86 V
1
mA
Current
ISD
Shut Down Quiescent
VEN= 0 V
25
μA
Current
THERMAL CHARACTERISTICS
TSD
Thermal Shutdown
Rising
165
°C
TSD-HYST
Thermal shutdown
Falling
15
°C
hysteresis
PERFORMANCE PARAMETERS
ΔVO
Output Voltage Ripple
8
mV PP
ΔVO/ΔVIN
Line Regulation
VIN = 12 V to 42 V, IO= 1 A
.01%
ΔVO/IOUT
Load Regulation
VIN = 24 V
1.5
mV/A
η
Efficiency
VIN = 24 V VO = 3.3 V IO = 1 A
92%
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ14201


Số phần tương tự - LMZ14201TZX-ADJ/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ14201TZX-ADJ/NOPB TI-LMZ14201TZX-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
More results

Mô tả tương tự - LMZ14201TZX-ADJ/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ14201 TI-LMZ14201_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14203 TI-LMZ14203_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
LMZ14202 TI-LMZ14202_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
LMZ14201H TI1-LMZ14201H Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14201H SIMPLE SWITCHER짰 6V to 42V, 1A High Output Voltage Power Module
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com