công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ14201TZE-ADJ/NOPB bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ14201TZE-ADJ/NOPB
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ14201TZE-ADJ/NOPB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LMZ14201TZE-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LMZ14201TZE-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LMZ14201TZE-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LMZ14201TZE-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LMZ14201TZE-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LMZ14201TZE-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LMZ14201TZE-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LMZ14201TZE-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LMZ14201TZE-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
0.2
0.4
0.6
0.8
1
OUTPUT CURRENT (A)
25°C
1.8
1.2
1.5
0.8
3.3
2.5
5.0
6.0
VIN
CIN
Enable
RON
RFBT
CFF
CSS
RFBB
COUT
LMZ14201
VOUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
LMZ14201
SNVS649I – JANUARY 2010 – REVISED OCTOBER 2015
LMZ14201 SIMPLE SWITCHER® 6V to 42V, 1A Power Module in Leaded SMT-TO Package
1 Features
2 Applications
1
Integrated Shielded Inductor
Point of Load Conversions From 12-V and 24-V
Input Rail
Simple PCB Layout
Time-Critical Projects
Flexible Start-Up Sequencing Using External Soft-
Start and Precision Enable
Space Constrained and High Thermal
Requirement Applications
Protection Against Inrush Currents and Faults
Such as Input UVLO and Output Short Circuit
Negative Output Voltage Applications
(See AN-2027) SNVA425
–40°C to 125°C Junction Temperature Range
Single Exposed Pad and Standard Pinout for Easy
3 Description
Mounting and Manufacturing
The LMZ14201 SIMPLE SWITCHER® power module
Fast Transient Response for Powering FPGAs
is an easy-to-use step-down DC-DC solution that can
and ASICs
drive
up
to
1-A
load
with
exceptional
power
Low Output Voltage Ripple
conversion efficiency, line and load regulation, and
output accuracy. The LMZ14201 is available in an
Pin-to-Pin Compatible Family:
innovative
package
that
enhances
thermal
LMZ1420x (42 V Maximum 3 A, 2 A, 1 A)
performance
and
allows
for
hand
or
machine
LMZ1200x (20 V Maximum 3 A, 2 A, 1 A)
soldering.
Fully Enabled for WEBENCH® Power Designer
The LMZ14201 can accept an input voltage rail
Electrical Specifications
between 6 V and 42 V and deliver an adjustable and
highly accurate output voltage as low as 0.8 V. The
6-W Maximum Total Output Power
LMZ14201 only requires three external resistors and
Up to 1-A Output Current
four external capacitors to complete the power
Input Voltage Range 6 V to 42 V
solution. The LMZ14201 is a reliable and robust
design with the following protection features: thermal
Output Voltage Range 0.8 V to 6 V
shutdown, input UVLO, output overvoltage protection,
Efficiency up to 90%
short-circuit protection, output current limit, and
Performance Benefits
allows start-up into a prebiased output. A single
Operates at High Ambient Temperature With
resistor adjusts the switching frequency up to 1 MHz.
No Thermal Derating
Device Information(1)(2)
High Efficiency Reduces System Heat
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Generation
LMZ14201
TO-PMOD (7)
10.16 mm × 9.85 mm
Low Radiated Emissions (EMI) Tested With
(1) For all available packages, see the orderable addendum at
EN55022 Class B Standard
the end of the data sheet.
Low External Component Count
(2) Peak reflow temperature equals 245°C. See SNAA214 for
more details.
Simplified Application Schematic
Efficiency 12-V Input at 25°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LMZ14201TZE-ADJ/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ14201TZE-ADJ/NOPB TI-LMZ14201TZE-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
More results

Mô tả tương tự - LMZ14201TZE-ADJ/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ14201 TI-LMZ14201_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14203 TI-LMZ14203_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
LMZ14202 TI-LMZ14202_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
LMZ14201H TI1-LMZ14201H Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14201H SIMPLE SWITCHER짰 6V to 42V, 1A High Output Voltage Power Module
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com