công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STGW80H65DFB-4 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STGW80H65DFB-4
Giải thích chi tiết về linh kiện  Tight parameter distribution
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW80H65DFB-4 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STGW80H65DFB-4 Datasheet HTML 1Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 2Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 3Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 4Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 5Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 6Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 7Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 8Page - STMicroelectronics STGW80H65DFB-4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
March 2017
DocID028076 Rev 3
1/16
This is information on a product in full production.
www.st.com
STGW80H65DFB-4
Trench gate field-stop IGBT, HB series 650 V,
80 A high speed in a TO247-4 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
VCE(sat) = 1.6 V (typ.) @ IC = 80 A
Maximum junction temperature: TJ = 175 °C
High speed switching series
Minimized tail current
Tight parameter distribution
Safe paralleling
Low thermal resistance
Very fast soft recovery antiparallel diode
Kelvin pin
Applications
Photovoltaic inverter
High frequency converter
Description
This device is an IGBT developed using an
advanced proprietary trench gate field-stop
structure. The device is part of the new HB series
of IGBTs, which represents an optimum
compromise between conduction and switching
loss to maximize the efficiency of any frequency
converter. Furthermore, the slightly positive
VCE(sat) temperature coefficient and very tight
parameter distribution result in safer paralleling
operation.
Table 1: Device summary
Order code
Marking
Package
Packing
STGW80H65DFB-4
G80H65DFB
TO247-4
Tube


Số phần tương tự - STGW80H65DFB-4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGW80H65DFB STMICROELECTRONICS-STGW80H65DFB Datasheet
978Kb / 18P
   High speed switching series
November 2016 Rev 8
STGW80H65DFB STMICROELECTRONICS-STGW80H65DFB Datasheet
1Mb / 22P
   Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
May 2015 Rev 6
More results

Mô tả tương tự - STGW80H65DFB-4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
908Kb / 17P
   Tight parameter distribution
November 2016 Rev 1
logo
Infineon Technologies A...
IKQ120N60TA INFINEON-IKQ120N60TA Datasheet
2Mb / 16P
   very tight parameter distribution
Rev.2.2,2014-11-21
IHW20N65R5 INFINEON-IHW20N65R5 Datasheet
1Mb / 15P
   very tight parameter distribution
Rev.2.2,2014-11-27
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
   Parameter Analyzer
logo
List of Unclassifed Man...
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
   Material & Parameter
V1. 2
RPI-16MM-LENS ETC-RPI-16MM-LENS Datasheet
135Kb / 1P
   Parameter of Lens
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
   DENOTES CRITICAL PARAMETER
logo
Belden Inc.
FI1D006P9 BELDEN-FI1D006P9 Datasheet
217Kb / 2P
   Indoor Plenum OM1 Distribution Tight Buffer 6 Fibers
0.48
FI3D006P9 BELDEN-FI3D006P9 Datasheet
218Kb / 2P
   Indoor Plenum OM3 Distribution Tight Buffer 6 Fibers
0.176
logo
International Rectifier
IRG4RC10UTRPBF IRF-IRG4RC10UTRPBF Datasheet
654Kb / 10P
   Generation 4 IGBT design provides tighter parameter distribution and higher effciency than previous generation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com