công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STGW40S120DF3 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STGW40S120DF3
Giải thích chi tiết về linh kiện  Trench gate field-stop IGBT, S series 1200 V, 40 A low drop
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40S120DF3 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STGW40S120DF3 Datasheet HTML 1Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 2Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 3Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 4Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 5Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 6Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 7Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 8Page - STMicroelectronics STGW40S120DF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
December 2014
DocID026373 Rev 2
1/18
STGW40S120DF3,
STGWA40S120DF3
Trench gate field-stop IGBT, S series
1200 V, 40 A low drop
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• 10 µs of short-circuit withstand time
• VCE(sat) = 1.65 V (typ.) @ IC = 40 A
• Tight parameter distribution
• Safer paralleling
• Low thermal resistance
• Soft and fast recovery antiparallel diode
Applications
• Industrial drives
• UPS
• Solar
• Welding
Description
This device is an IGBT developed using an
advanced proprietary trench gate field-stop
structure. The device is part of the S series of
1200 V IGBTs which is tailored to maximize
efficiency of low frequency industrial systems.
Furthermore, a positive VCE(sat) temperature
coefficient and tight parameter distribution result
in safer paralleling operation.
Table 1. Device summary
Order code
Marking
Package
Packing
STGW40S120DF3
G40S120DF3
TO-247
Tube
STGWA40S120DF3
G40S120DF3
TO-247 long leads
Tube
www.st.com


Số phần tương tự - STGW40S120DF3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGW40H120DF2 STMICROELECTRONICS-STGW40H120DF2 Datasheet
821Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
June 2016 Rev 5
logo
Inchange Semiconductor ...
STGW40H120DF2 ISC-STGW40H120DF2 Datasheet
358Kb / 3P
   Trench gate Field-Stop IGBT
2023-10-16
logo
STMicroelectronics
STGW40H120F2 STMICROELECTRONICS-STGW40H120F2 Datasheet
1,002Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
March 2015 Rev 3
STGW40H60DLFB STMICROELECTRONICS-STGW40H60DLFB Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, HB series 600 V, 40 A high speed
March 2014 Rev 4
STGW40H65DFB STMICROELECTRONICS-STGW40H65DFB Datasheet
503Kb / 16P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
DS9533 - Rev 9 - June 2019
More results

Mô tả tương tự - STGW40S120DF3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGW15S120DF3 STMICROELECTRONICS-STGW15S120DF3 Datasheet
741Kb / 18P
   Trench gate field-stop IGBT, S series 1200 V, 15 A low drop
December 2014 Rev 2
STGW25S120DF3 STMICROELECTRONICS-STGW25S120DF3 Datasheet
703Kb / 18P
   Trench gate field-stop IGBT, S series 1200 V, 25 A low drop
December 2014 Rev 2
logo
ON Semiconductor
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
logo
Fairchild Semiconductor
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
   1200 V, 40 A Field Stop Trench IGBT
logo
ON Semiconductor
FGH40T120SMD ONSEMI-FGH40T120SMD Datasheet
524Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
July, 2021 ??Rev. 5
logo
STMicroelectronics
STGW40M120DF3 STMICROELECTRONICS-STGW40M120DF3 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 1200 V, 40 A low loss
November 2014 Rev 3
STGW40H120F2 STMICROELECTRONICS-STGW40H120F2 Datasheet
1,002Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
March 2015 Rev 3
STGW40H120DF2 STMICROELECTRONICS-STGW40H120DF2 Datasheet
821Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 40 A high speed
June 2016 Rev 5
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
October 2014 Rev 2
STGW25M120DF3 STMICROELECTRONICS-STGW25M120DF3 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
October 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com