công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STGW28IH125DF bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STGW28IH125DF
Giải thích chi tiết về linh kiện  1250 V, 30 A IH series trench gate field-stop IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW28IH125DF bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STGW28IH125DF Datasheet HTML 1Page - STMicroelectronics STGW28IH125DF Datasheet HTML 2Page - STMicroelectronics STGW28IH125DF Datasheet HTML 3Page - STMicroelectronics STGW28IH125DF Datasheet HTML 4Page - STMicroelectronics STGW28IH125DF Datasheet HTML 5Page - STMicroelectronics STGW28IH125DF Datasheet HTML 6Page - STMicroelectronics STGW28IH125DF Datasheet HTML 7Page - STMicroelectronics STGW28IH125DF Datasheet HTML 8Page - STMicroelectronics STGW28IH125DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DocID025268 Rev 2
5/17
STGW28IH125DF, STGWT28IH125DF
Electrical characteristics
Table 6. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(off)
Turn-off delay time
V
CE
= 600 V, I
C
= 25 A,
R
G
= 10
Ω, V
GE
= 15 V, see
Figure 23
-128
-
ns
t
f
Current fall time
-
82
-
ns
E
off
(1)
1.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
-
0.72
-
mJ
t
d(off)
Turn-off delay time
V
CE
= 600 V, I
C
= 25 A,
R
G
= 10
Ω, V
GE
= 15 V,
T
J
= 175 °C, see
Figure 23
-132
-
ns
t
f
Current fall time
-
190
-
ns
E
off
(1)
Turn-off switching losses
-
1.53
-
mJ
Table 7. IGBT switching characteristics (capacitive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
E
off
(1)
1.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
V
CC
= 900 V, R
G
= 10
Ω,
I
C
= 50 A, L = 500 μH,
C
snub
= 330 nF, see
Figure 24
-230
-
μJ
V
CC
= 900 V, R
G
= 10
Ω,
I
C
= 50 A, L = 500 μH,
C
snub
= 330 nF, T
J
= 175 °C,
see
Figure 24
-520
-


Số phần tương tự - STGW28IH125DF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
   600 V, 20 A high speed trench gate field-stop IGBT
June 2013 Rev 1
STGW20H65FB STMICROELECTRONICS-STGW20H65FB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
August 2014 Rev 1
STGW20IH125DF STMICROELECTRONICS-STGW20IH125DF Datasheet
1Mb / 17P
   1250 V, 20 A IH series trench gate field-stop IGBT
February 2014 Rev 2
STGW20NB60H STMICROELECTRONICS-STGW20NB60H Datasheet
85Kb / 8P
   N-CHANNEL 20A - 600V TO-247 PowerMESH IGBT
logo
New Jersey Semi-Conduct...
STGW20NB60H NJSEMI-STGW20NB60H Datasheet
114Kb / 3P
   N-CHANNEL20A-600V TO-247 PowerMESH??IGBT
More results

Mô tả tương tự - STGW28IH125DF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGW20IH125DF STMICROELECTRONICS-STGW20IH125DF Datasheet
1Mb / 17P
   1250 V, 20 A IH series trench gate field-stop IGBT
February 2014 Rev 2
STGW40V60DF STMICROELECTRONICS-STGW40V60DF Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, V series
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
logo
ON Semiconductor
FGAF30S65AQ ONSEMI-FGAF30S65AQ Datasheet
302Kb / 9P
   Field Stop Trench IGBT, 30 A, 650 V
June, 2020 - Rev. 2
logo
Fairchild Semiconductor
FGA3060ADF FAIRCHILD-FGA3060ADF Datasheet
1Mb / 9P
   600 V, 30 A Field Stop Trench IGBT
logo
STMicroelectronics
STGW60H65F STMICROELECTRONICS-STGW60H65F_V01 Datasheet
1Mb / 14P
   60 A, 650 V field stop trench gate IGBT
January 2013
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
July 2014 Rev 2
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2015 Rev 2
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
STGW60H65F STMICROELECTRONICS-STGW60H65F Datasheet
1Mb / 12P
   60 A, 650 V field stop trench gate IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com