công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STGW15S120DF3 bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STGW15S120DF3
Giải thích chi tiết về linh kiện  Trench gate field-stop IGBT, S series 1200 V, 15 A low drop
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW15S120DF3 bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STGW15S120DF3 Datasheet HTML 1Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 2Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 3Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 4Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 5Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 6Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 7Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 8Page - STMicroelectronics STGW15S120DF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STGW15S120DF3, STGWA15S120DF3
4/18
DocID026371 Rev 2
2
Electrical characteristics
TJ = 25 °C unless otherwise specified
Table 4. Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE = 0)
IC = 2 mA
1200
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 15 A
1.55
2.05
V
VGE = 15 V, IC = 15 A,
TJ =125 °C
1.75
VGE = 15 V, IC = 15 A
TJ = 175 °C
1.85
VF
Forward on-voltage
IF = 15 A
2.7
3.8
V
IF = 15 A TJ = 125 °C
2.05
V
IF = 15 A TJ = 175 °C
1.75
V
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 500 µA
5
6
7
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 1200 V
25
µA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ± 20 V
250
nA
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE =0
-981
-
pF
Coes
Output capacitance
-
82
-
pF
Cres
Reverse transfer
capacitance
-37
-
pF
Qg
Total gate charge
VCC = 960 V, IC =15 A,
VGE = 15 V, see Figure 30
-53
-
nC
Qge
Gate-emitter charge
-
7.8
-
nC
Qgc
Gate-collector charge
-
28.2
-
nC


Số phần tương tự - STGW15S120DF3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
April 2015 Rev 5
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
October 2014 Rev 2
More results

Mô tả tương tự - STGW15S120DF3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGW25S120DF3 STMICROELECTRONICS-STGW25S120DF3 Datasheet
703Kb / 18P
   Trench gate field-stop IGBT, S series 1200 V, 25 A low drop
December 2014 Rev 2
STGW40S120DF3 STMICROELECTRONICS-STGW40S120DF3 Datasheet
724Kb / 18P
   Trench gate field-stop IGBT, S series 1200 V, 40 A low drop
December 2014 Rev 2
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
   1200 V, 15 A Field Stop Trench IGBT
logo
STMicroelectronics
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
October 2014 Rev 2
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
April 2015 Rev 5
STGW40M120DF3 STMICROELECTRONICS-STGW40M120DF3 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 1200 V, 40 A low loss
November 2014 Rev 3
STGW25M120DF3 STMICROELECTRONICS-STGW25M120DF3 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
October 2014 Rev 2
logo
ON Semiconductor
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
logo
Fairchild Semiconductor
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
   1200 V, 40 A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com