công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT853 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74ABT853
Giải thích chi tiết về linh kiện  8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT853 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  SN74ABT853 Datasheet HTML 1Page - Texas Instruments SN74ABT853 Datasheet HTML 2Page - Texas Instruments SN74ABT853 Datasheet HTML 3Page - Texas Instruments SN74ABT853 Datasheet HTML 4Page - Texas Instruments SN74ABT853 Datasheet HTML 5Page - Texas Instruments SN74ABT853 Datasheet HTML 6Page - Texas Instruments SN74ABT853 Datasheet HTML 7Page - Texas Instruments SN74ABT853 Datasheet HTML 8Page - Texas Instruments SN74ABT853 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN54ABT853, SN74ABT853
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SCBS198G − FEBRUARY 1991 − REVISED OCTOBER 2010
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The SN54ABT853 is characterized for operation over the full military temperature range of −55°C to 125°C. The
SN74ABT853 is characterized for operation from −40°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUTS AND I/Os
OEB
OEA
CLR
LE
Ai
Σ OF H
Bi
Σ OF H
A
B
PARITY
ERR
FUNCTION
L
H
X
X
Odd
NA
NA
A
L
NA
A data to B bus and
L
HX
X
Even
NA
NA
A
H
NA
A data to B bus and
generate parity
H
L
X
L
NA
Odd
B
NA
NA
H
B data to A bus and
H
LXL
NA
Even
B
NA
NA
L
B data to A bus and
check parity
H
L
H
H
NA
X
X
NA
NA
NC
Store error flag
X
X
L
H
X
X
X
NA
NA
H
Clear error flag register
H
H
X
NC
H
H
LH
X
X
Z
Z
Z
H
Isolation§
H
H
X
L
L Odd
XZ
ZZ
H
Isolation§
(parity check)
X
L
H Even
L
(p
y
)
L
L
X
X
Odd
NA
NA
A
H
NA
A data to B bus and
L
L
X
X
Even
NA
NA
A
L
NA
A data to B bus and
generate inverted parity
NA = not applicable, NC = no change, X = don’t care
Summation of high-level inputs includes PARITY along with Bi inputs.
Output states shown assume ERR was previously high.
§ In this mode, ERR (when clocked) shows inverted parity of the A bus.
logic symbol
ERR
CLR
OEA
OEB
CLR
11
1
2
A1
3
A2
4
A3
5
A4
10
PARITY
15
PARITY
B5
19
B6
18
B7
17
B8
16
8
OEA
1
OEB
14
6
A5
7
A6
8
A7
8
9
A8
B1
23
1
B2
22
B3
21
B4
20
ERR
Φ
A Bus
B Bus
LE
LE
13
This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the DB, DW, JT, NT, PW, and W packages.


Số phần tương tự - SN74ABT853

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT853 TI-SN74ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN74ABT853 TI-SN74ABT853 Datasheet
357Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN74ABT853DB TI-SN74ABT853DB Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN74ABT853DW TI-SN74ABT853DW Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN74ABT853NT TI-SN74ABT853NT Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results

Mô tả tương tự - SN74ABT853

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI1-SN54ABT833_15 Datasheet
251Kb / 13P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_07 Datasheet
308Kb / 11P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_08 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_98 Datasheet
171Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833 Datasheet
169Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853 Datasheet
143Kb / 8P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_06 Datasheet
157Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
74ACT16833 TI1-74ACT16833 Datasheet
172Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com