công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW427IPMR-ACTA bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện FW427IPMR-ACTA
Giải thích chi tiết về linh kiện  Mixed-Signal Microcontroller
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

FW427IPMR-ACTA bảng dữ liệu(HTML) 2 Page - Texas Instruments

  FW427IPMR-ACTA Datasheet HTML 1Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 2Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 3Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 4Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 5Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 6Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 7Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 8Page - Texas Instruments FW427IPMR-ACTA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
Comparator_
A
DVCC
DVSS
AVCC
AVSS
RST/NMI
P2
Flash
60KB/48KB
32KB
16KB
8KB
RAM
2KB
1KB
512B
256B
Watchdog
Timer
WDT
15/16-Bit
Port 2
8 I/O
Interrupt
Capability
POR/
Multilevel
SVS/
Brownout
Basic
Timer 1
1 Interrupt
Vector
LCD
96
Segments
1,2,3,4 MUX
fLCD
8
MCLK
XOUT
JTAG
Interface
XIN
SMCLK
ACLK
MDB
MAB
Emulation
P3
Port 3
8 I/O
8
Module
Timer1_A5
5 CC Reg
P1
Port 1
8 I/O
Interrupt
Capability
8
P4
Port 4
8 I/O
8
Scan IF
Oscillator
FLL+
8 MHz
CPU
incl. 16
Registers
P5
Port 5
8 I/O
8
P6
Port 6
8 I/O
8
Timer0_A3
3 CC Reg
MSP430FW429, MSP430FW428
MSP430FW427, MSP430FW425, MSP430FW423
SLAS383E – OCTOBER 2003 – REVISED DECEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Functional Block Diagram
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: MSP430FW429 MSP430FW428 MSP430FW427 MSP430FW425 MSP430FW423


Số phần tương tự - FW427IPMR-ACTA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FutureWafer Tech Co.,Lt...
FW4120LC-0.3PF FUTUREWAFER-FW4120LC-0.3PF Datasheet
848Kb / 5P
   Ultra Low Capacitance ESD array
logo
Taoglas antenna solutio...
FW43BSMAM TAOGLAS-FW43BSMAM Datasheet
1Mb / 12P
   ISM Band 433MHz Flexible Whip Monopole Antenna SMA(M) Straight
logo
Fuji Electric
FW4560 FUJI-FW4560 Datasheet
308Kb / 2P
   Multiservice Provisioning Platform
logo
Taoglas antenna solutio...
FW45BSMAM TAOGLAS-FW45BSMAM Datasheet
1Mb / 13P
   Meteor 450-470MHz Flexible Whip Monopole Antenna SMA(M) Straight
logo
ON Semiconductor
FW4604 ONSEMI-FW4604 Datasheet
147Kb / 7P
   Complementary Dual Power MOSFET
August, 2013
More results

Mô tả tương tự - FW427IPMR-ACTA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com