công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ10504TZ-ADJ/NOPB bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ10504TZ-ADJ/NOPB
Giải thích chi tiết về linh kiện  4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ10504TZ-ADJ/NOPB bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LMZ10504TZ-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LMZ10504TZ-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LMZ10504TZ-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LMZ10504TZ-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments LMZ10504TZ-ADJ/NOPB Datasheet HTML 10Page - Texas Instruments LMZ10504TZ-ADJ/NOPB Datasheet HTML 11Page - Texas Instruments LMZ10504TZ-ADJ/NOPB Datasheet HTML 12Page - Texas Instruments LMZ10504TZ-ADJ/NOPB Datasheet HTML 13Page - Texas Instruments LMZ10504TZ-ADJ/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
ent
enb
IN UVLO
enb
R
R
V
V
R
(
)
1.23
+
=
´
EN
VIN
Voltage
Mode
Control
VOUT
GND
SS
FB
1.5 PH
2.2 PF
2.2 PF
1:
1
2
3
4, EP
5
6, 7
LMZ10504
SNVS610N – DECEMBER 2009 – REVISED SEPTEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LMZ10504 SIMPLE SWITCHER power module is a complete, easy-to-use DC-DC solution capable of
driving up to a 4-A load with exceptional power conversion efficiency, output voltage accuracy, line and load
regulation. The LMZ10504 is available in an innovative package that enhances thermal performance and allows
for hand or machine soldering. The LMZ10504 is a reliable and robust solution with the following features:
lossless cycle-by-cycle peak current limit to protect for overcurrent or short-circuit fault, thermal shutdown, input
undervoltage lockout, and prebiased start-up.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Enable
The LMZ10504 features an enable (EN) pin and associated comparator to allow the user to easily sequence the
LMZ10504 from an external voltage rail, or to manually set the input UVLO threshold. The turnon or rising
threshold and hysteresis for this comparator are typically 1.23 V and 0.15 V, respectively. The precise reference
for the enable comparator allows the user to ensure that the LMZ10504 will be disabled when the system
demands it to be.
The EN pin should not be left floating. For always-on operation, connect EN to VIN.
7.3.2 Enable and UVLO
Using a resistor divider from VIN to EN as shown in the schematic diagram below, the input voltage at which the
part begins switching can be increased above the normal input UVLO level according to:
(1)
For example, suppose that the required input UVLO level is 3.69 V. Choosing Renb = 10 kΩ, then we calculate
Rent = 20 kΩ.
10
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LMZ10504


Số phần tương tự - LMZ10504TZ-ADJ/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ10504TZ-ADJ/NOPB TI-LMZ10504TZ-ADJ/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
More results

Mô tả tương tự - LMZ10504TZ-ADJ/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ10503 TI-LMZ10503_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ10503 3-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ12003 TI-LMZ12003_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMZ12003 3-A Simple Switcher짰 Power Module with 20-V Maximum Input Voltage
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12008 TI-LMZ12008_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ12008 8-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23605 TI-LMZ23605_15 Datasheet
1Mb / 33P
[Old version datasheet]   LMZ23605 5-A SIMPLE SWITCHER짰 Power Module With 36-V Maximum Input Voltage
LMZ12002EXT TI1-LMZ12002EXT_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com