công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ10504 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMZ10504
Giải thích chi tiết về linh kiện  4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ10504 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LMZ10504 Datasheet HTML 4Page - Texas Instruments LMZ10504 Datasheet HTML 5Page - Texas Instruments LMZ10504 Datasheet HTML 6Page - Texas Instruments LMZ10504 Datasheet HTML 7Page - Texas Instruments LMZ10504 Datasheet HTML 8Page - Texas Instruments LMZ10504 Datasheet HTML 9Page - Texas Instruments LMZ10504 Datasheet HTML 10Page - Texas Instruments LMZ10504 Datasheet HTML 11Page - Texas Instruments LMZ10504 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
LMZ10504
SNVS610N – DECEMBER 2009 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = VEN = 5 V, CIN is 47-µF 10-V X5R ceramic capacitor; TA =
25°C for efficiency curves and waveforms.
VIN = 5 V, RθJA = 20°C/W
VIN = 3.3 V, RθJA = 20°C/W
Figure 7. Current Derating
Figure 8. Current Derating
VOUT = 2.5 V, IOUT = 0 A
VIN = 5 V, VOUT = 2.5 V, IOUT = 4 A Evaluation Board
Figure 10. Start-Up
Figure 9. Radiated Emissions (EN 55022, Class B)
VOUT = 2.5 V, IOUT = 0 A
VIN = 3.3 V, VOUT = 2.5 V, IOUT = 0.4-A to 3.6-A to 0.4-A step
20 mV/DIV, 20-MHz Bandwidth Limited
Refer to Table 5 for BOM, includes optional components
Figure 12. Load Transient Response
Figure 11. Prebiased Start-Up
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LMZ10504


Số phần tương tự - LMZ10504

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMZ10504 NSC-LMZ10504 Datasheet
657Kb / 22P
   4A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum
LMZ10504 NSC-LMZ10504 Datasheet
657Kb / 22P
   4A SIMPLE SWITCHER짰Power Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10504 TI-LMZ10504 Datasheet
1Mb / 35P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10504EXT NSC-LMZ10504EXT Datasheet
1Mb / 22P
   4A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage for Military and Rugged Applications
logo
Texas Instruments
LMZ10504EXT TI-LMZ10504EXT Datasheet
4Mb / 36P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage for Demanding and Rugged Applications
More results

Mô tả tương tự - LMZ10504

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ10503 TI-LMZ10503_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ10503 3-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ12003 TI-LMZ12003_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMZ12003 3-A Simple Switcher짰 Power Module with 20-V Maximum Input Voltage
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12008 TI-LMZ12008_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ12008 8-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23605 TI-LMZ23605_15 Datasheet
1Mb / 33P
[Old version datasheet]   LMZ23605 5-A SIMPLE SWITCHER짰 Power Module With 36-V Maximum Input Voltage
LMZ12002EXT TI1-LMZ12002EXT_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ12002EXT 2-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com