công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM78M05CDTX bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM78M05CDTX
Giải thích chi tiết về linh kiện  3-Terminal 500-mA Positive Voltage Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM78M05CDTX bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM78M05CDTX Datasheet HTML 1Page - Texas Instruments LM78M05CDTX Datasheet HTML 2Page - Texas Instruments LM78M05CDTX Datasheet HTML 3Page - Texas Instruments LM78M05CDTX Datasheet HTML 4Page - Texas Instruments LM78M05CDTX Datasheet HTML 5Page - Texas Instruments LM78M05CDTX Datasheet HTML 6Page - Texas Instruments LM78M05CDTX Datasheet HTML 7Page - Texas Instruments LM78M05CDTX Datasheet HTML 8Page - Texas Instruments LM78M05CDTX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
LM341, LM78M05
SNVS090F – MAY 2004 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM341 LM78M05
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.3 Thermal Information
THERMAL METRIC(1)
LM341
LM78M05
UNIT
NDE (TO-220)
NDP (TO-252)
NDT (TO)
3 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
22.6
38
162.4
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
17.8
48.4
23.9
°C/W
RθJB
Junction-to-board thermal resistance
6
17.7
°C/W
ψJT
Junction-to-top characterization parameter
3.3
6.7
°C/W
ψJB
Junction-to-board characterization parameter
6
17.9
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
1.3
4.4
°C/W
6.4 Electrical Characteristics: LM341 (5 V) and LM78M05
VIN = 10 V, CIN = 0.33 µF, CO = 0.1 µF, TJ = 25°C (unless otherwise noted). Limits are specified by production testing or
correlation techniques using standard Statistical Quality Control (SQC) methods.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
IL = 500 mA
4.8
5
5.2
V
IL = 5 mA to 500 mA, PD ≤ 7.5 W,
VIN = 7.5 V to 20 V, TJ = –40°C to 125°C
4.75
5
5.25
VRLINE
Line regulation
VIN = 7.2 V to 25 V
IL = 100 mA
50
mV
IL = 500 mA
100
VRLOAD
Load regulation
IL = 5 mA to 500 mA
100
mV
IQ
Quiescent current
IL = 500 mA
4
10
mA
ΔIQ
Quiescent current change
IL = 5 mA to 500 mA
0.5
mA
VIN = 7.5 V to 25 V, IL = 500 mA
1
Vn
Output noise voltage
f = 10 Hz to 100 kHz
40
µV
ΔVIN
Ripple rejection
f = 120 Hz, IL = 500 mA
78
dB
VIN
Input voltage required to maintain
line regulation
IL = 500 mA
7.2
V
ΔVO
Long-term stability
IL = 500 mA, TJ = –40°C to 125°C
20
mV/khrs
6.5 Electrical Characteristics: LM341 (12 V)
VIN = 19 V, CIN = 0.33 µF, CO = 0.1 µF, TJ = 25°C (unless otherwise noted). Limits are specified by production testing or
correlation techniques using standard Statistical Quality Control (SQC) methods.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
IL = 500 mA
11.5
12
12.5
V
IL = 5 mA to 500 mA, PD ≤ 7.5 W, VIN = 14.8 V
to 27 V, TJ = –40°C to 125°C
11.4
12
12.6
VRLINE
Line regulation
VIN = 14.5 V to 30 V
IL = 100 mA
120
mV
IL = 500 mA
240
VRLOAD
Load regulation
IL = 5 mA to 500 mA
240
mV
IQ
Quiescent current
IL = 500 mA
4
10
mA
ΔIQ
Quiescent current change
IL = 5 mA to 500 mA
0.5
mA
VIN = 14.8 V to 30 V, IL = 500 mA
1
Vn
Output noise voltage
f = 10 Hz to 100 kHz
75
µV
ΔVIN
Ripple rejection
f = 120 Hz, IL = 500 mA
71
dB
VIN
Input voltage required to maintain
line regulation
IL = 500 mA
14.5
V
ΔVO
Long-term stability
IL = 500 mA, TJ = –40°C to 125°C
48
mV/khrs


Số phần tương tự - LM78M05CDTX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM78M05CDTX TI-LM78M05CDTX Datasheet
1Mb / 18P
[Old version datasheet]   Output Current in Excess of 0.5A, No External Components
LM78M05CDTX TI-LM78M05CDTX Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM78M05CDTX TI1-LM78M05CDTX Datasheet
1Mb / 18P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
LM78M05CDTX/NOPB TI-LM78M05CDTX/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM78M05CDTX/NOPB TI1-LM78M05CDTX/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
More results

Mô tả tương tự - LM78M05CDTX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
MC78M00 ONSEMI-MC78M00_16 Datasheet
137Kb / 15P
   500 mA Positive Voltage Regulators
March, 2016 ??Rev. 28
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00 Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM78M05-MIL TI1-LM78M05-MIL Datasheet
648Kb / 19P
[Old version datasheet]   Series 3-Terminal 500-mA Positive Voltage Regulator
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com