công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STD25P03LT4G bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện STD25P03LT4G
Giải thích chi tiết về linh kiện  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STD25P03LT4G bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  STD25P03LT4G Datasheet HTML 1Page - ON Semiconductor STD25P03LT4G Datasheet HTML 2Page - ON Semiconductor STD25P03LT4G Datasheet HTML 3Page - ON Semiconductor STD25P03LT4G Datasheet HTML 4Page - ON Semiconductor STD25P03LT4G Datasheet HTML 5Page - ON Semiconductor STD25P03LT4G Datasheet HTML 6Page - ON Semiconductor STD25P03LT4G Datasheet HTML 7Page - ON Semiconductor STD25P03LT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTD25P03L, STD25P03L
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Note 3)
(VGS = 0 Vdc, ID = −250 mA)
Temperature Coefficient (Positive)
V(BR)DSS
−30
−24
V
mV/
°C
Zero Gate Voltage Drain Current
(VDS = −30 Vdc, VGS = 0 Vdc, TJ = 25°C)
(VDS = −30 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−1.0
−100
mA
Gate−Body Leakage Current
(VGS = ±15 Vdc, VDS = 0 Vdc)
IGSS
−100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
(VDS = VGS, ID = −250 mAdc)
Temperature Coefficient (Negative)
VGS(th)
−1.0
−1.6
4.0
−2.0
V
mV/
°C
Static Drain−to−Source On−State Resistance
(VGS = −5.0 Vdc, ID = −12.5 Adc)
(VGS = −5.0 Vdc, ID = −25 Adc)
(VGS = −4.0 Vdc, ID = −10 Adc)
RDS(on)
0.051
0.056
0.065
0.072
0.080
0.090
W
Forward Transconductance
(VDS = −8.0 Vdc, ID = −12.5 Adc)
gFS
13
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = −25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
900
1260
pF
Output Capacitance
Coss
290
410
Reverse Transfer Capacitance
Crss
105
210
SWITCHING CHARACTERISTICS (Notes 3 & 4)
Turn−On Delay Time
(VDD = −15 Vdc, ID = −25 A,
VGS = −5.0 V,
RG = 1.3 W)
td(on)
9.0
20
ns
Rise Time
tr
37
75
Turn−Off Delay Time
td(off)
15
30
Fall Time
tf
16
55
Gate Charge
(VDS = −24 Vdc,
VGS = −5.0 Vdc,
ID = −25 A)
QT
15
20
nC
Q1
3.0
Q2
9.0
Q3
7.0
BODY−DRAIN DIODE RATINGS (Note 3)
Diode Forward On−Voltage
(IS = −25 Adc, VGS = 0 V)
(IS = −25 Adc, VGS = 0 V, TJ = 125°C)
VSD
−1.0
−0.9
−1.5
V
Reverse Recovery Time
(IS = −25 A, VGS = 0 V,
dIS/dt = 100 A/ms)
trr
35
ns
ta
20
tb
14
Reverse Recovery Stored Charge
QRR
0.035
mC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperature.


Số phần tương tự - STD25P03LT4G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STD25P03LT4G ONSEMI-STD25P03LT4G Datasheet
234Kb / 9P
   MOSFET – Power, P-Channel, Logic Level, DPAK -25 A, -30 V
May, 2019 - Rev. 5
More results

Mô tả tương tự - STD25P03LT4G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com