công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STH140N8F7-2 bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STH140N8F7-2
Giải thích chi tiết về linh kiện  N-channel 80 V, 3.3 m廓 typ., 90 A STripFET??F7 Power MOSFET in a H2PAK-2 package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH140N8F7-2 bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STH140N8F7-2 Datasheet HTML 1Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 2Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 3Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 4Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 5Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 6Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 7Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 8Page - STMicroelectronics STH140N8F7-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STH140N8F7-2
4/15
DocID026821 Rev 2
2
Electrical characteristics
(TCASE = 25 ° C unless otherwise specified)
Table 4: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0, ID = 250 µA
80
V
IDSS
Zero gate voltage
Drain current
VGS = 0, VDS = 80 V
1
µA
VGS = 0, VDS = 80 V,
TJ=125 ° C
10
µA
IGSS
Gate-source leakage
current
VDS = 0, VGS = ± 20 V
± 100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2.5
4.5
V
RDS(on)
Static drain-source on-resistance
VGS=10 V, ID = 45 A
3.3
4
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0, VDS = 40 V,
f = 1 MHz
-
6340
-
pF
Coss
Output capacitance
-
1195
-
pF
Crss
Reverse transfer capacitance
-
105
-
pF
Qg
Total gate charge
VDD = 40 V, ID = 64 A,
VGS = 10 V
-
96
-
nC
Qgs
Gate-source charge
-
30
-
nC
Qgd
Gate-drain charge
-
26
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 40 V, ID = 45 A RG
=4.7 Ω,
VGS = 10 V
-
26
-
ns
tr
Rise time
-
51
-
ns
td(off)
Turn-off-delay time
-
82
-
ns
tf
Fall time
-
44
-
ns
Table 7: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
90
A
ISDM(1)
Source-drain current (pulsed)
-
360
A
VSD (2)
Forward on voltage
VGS = 0, ISD = 90 A
-
1.2
V
trr
Reverse recovery time
ISD = 64 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 ° C
-
58
ns
Qrr
Reverse recovery charge
-
92
nC
IRRM
Reverse recovery current
-
3.2
A
Notes:
(1)Pulse width is limited by safe operating area
(2)Pulse test: pulse duration = 300 µ s, duty cycle 1.5%


Số phần tương tự - STH140N8F7-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
STH140N8F7-2 ISC-STH140N8F7-2 Datasheet
314Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - STH140N8F7-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STH145N8F7-2AG STMICROELECTRONICS-STH145N8F7-2AG Datasheet
677Kb / 16P
   Automotive-grade N-channel 80 V, 3.3 m廓 typ., 90 A STripFET??F7 Power MOSFET in a H짼PAK-2 package
June 2015 Rev 1
STH150N10F7-2 STMICROELECTRONICS-STH150N10F7-2 Datasheet
958Kb / 16P
   N-channel 100 V, 0.0034 廓 typ., 110 A, STripFET??F7 Power MOSFET in a H2PAK-2 package
September 2016 Rev 3
STH15810-2 STMICROELECTRONICS-STH15810-2 Datasheet
969Kb / 16P
   N-channel 100 V, 0.0034 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a H2PAK-2 package
August 2014
STL105N8F7AG STMICROELECTRONICS-STL105N8F7AG Datasheet
377Kb / 14P
   Automotive N-channel 80 V, 5.6 m廓 typ., 95 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 2 - March 2021
STL90N6F7 STMICROELECTRONICS-STL90N6F7 Datasheet
373Kb / 13P
   N-channel 60 V, 0.0046 廓 typ., 90 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
June 2015 Rev 2
STH80N10LF7-2AG STMICROELECTRONICS-STH80N10LF7-2AG Datasheet
626Kb / 14P
   Automotive-grade N-channel 100 V, 7 mΩ typ., 80 A, STripFET™ F7 Power MOSFET in an H2PAK-2 package
DS11708 - Rev 2 - January 2019
STD140N6F7 STMICROELECTRONICS-STD140N6F7 Datasheet
678Kb / 13P
   N-channel 60 V, 3.1 m(ohm) typ., 80 A STripFET F7 Power MOSFET in a DPAK package
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
   N-channel 60 V, 2.4 m廓 typ., 140 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
April 2017 Rev 5
STL260N4LF7 STMICROELECTRONICS-STL260N4LF7 Datasheet
847Kb / 15P
   N-channel 40 V, 0.85 m廓 typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 5 - July 2019
STD30N10F7 STMICROELECTRONICS-STD30N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.02 廓 typ., 32 A STripFET??F7 Power MOSFET in a DPAK package
January 2016 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com