công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STGIPS20C60-H bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện STGIPS20C60-H
Giải thích chi tiết về linh kiện  Undervoltage lockout
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS20C60-H bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button STGIPS20C60-H Datasheet HTML 5Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 6Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 7Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 8Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 9Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 10Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 11Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 12Page - STMicroelectronics STGIPS20C60-H Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DocID024483 Rev 4
9/20
STGIPS20C60-H
Electrical characteristics
20
3.1
Control part
Table 8. Low voltage power supply (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC_hys
VCC UV hysteresis
1.2
1.5
1.8
V
VCC_thON
VCC UV turn ON threshold
11.5
12
12.5
V
VCC_thOFF VCC UV turn OFF threshold
10
10.5
11
V
Iqccu
Undervoltage quiescent
supply current
VCC = 10 V
SD/OD = 5 V; LIN = HIN = 0,
CIN = 0
450
µA
Iqcc
Quiescent current
VCC = 15 V
SD/OD = 5 V; LIN = HIN = 0,
CIN = 0
3.5
mA
Vref
Internal comparator (CIN)
reference voltage
0.5
0.54
0.58
V
Table 9. Bootstrapped voltage (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBS_hys
VBS UV hysteresis
1.2
1.5
1.8
V
VBS_thON
VBS UV turn ON threshold
11.1
11.5
12.1
V
VBS_thOFF
VBS UV turn OFF threshold
9.8
10
10.6
V
IQBSU
Undervoltage VBS quiescent
current
VBS < 9 V
SD/OD = 5 V; LIN = 0
HIN = 5 V; CIN = 0
70
110
µA
IQBS
VBS quiescent current
VBS = 15 V
SD/OD = 5 V; LIN = 0
HIN = 5 V; CIN = 0
200
300
µA
RDS(on)
Bootstrap driver on resistance
LIN= 5 V; HIN= 0 V
120
Table 10. Logic inputs (VCC = 15 V unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vil
Low level logic threshold
voltage
0.8
1.1
V
Vih
High level logic threshold
voltage
1.9
2.25
V
IHINh
HIN logic “1” input bias current
HIN = 15 V
20
40
100
µA
IHINI
HIN logic “0” input bias current
HIN = 0 V
1
µA
ILINh
LIN logic “1” input bias current
LIN = 15 V
20
40
100
µA
ILINI
LIN logic “0” input bias current
LIN = 0V
1
µA
ISDh
SD logic “0” input bias current
SD = 15 V
30
120
300
µA
ISDl
SD logic “1” input bias current
SD = 0 V
3
µA
Dt
Dead time
see Figure 7 and Table 13
1.2
µs


Số phần tương tự - STGIPS20C60-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGIPS20C60 STMICROELECTRONICS-STGIPS20C60 Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded moduleI PM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
STGIPS20C60T-H STMICROELECTRONICS-STGIPS20C60T-H Datasheet
992Kb / 19P
   3-phase inverters for motor drives
More results

Mô tả tương tự - STGIPS20C60-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
   Undervoltage lockout
February 2017 Rev 4
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
   Undervoltage lockout
February 2017 Rev 4
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
   Undervoltage lockout
April 2015 Rev 2
STGIPS14K60T-H STMICROELECTRONICS-STGIPS14K60T-H Datasheet
678Kb / 19P
   Undervoltage lockout
April 2015 Rev 3
logo
International Rectifier
IR2130DSCB IRF-IR2130DSCB Datasheet
176Kb / 21P
   Undervoltage lockout for all channels
AUIRS2004S IRF-AUIRS2004S Datasheet
301Kb / 16P
   Automotive Grade HALF-BRIDGE DRIVER IC Undervoltage lockout
logo
Cherry Semiconductor Co...
CS2842A CHERRY-CS2842A Datasheet
156Kb / 6P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
logo
ON Semiconductor
CS2842A ONSEMI-CS2842A Datasheet
273Kb / 10P
   Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
July, 2006 ??Rev. 4
logo
STMicroelectronics
EV-VND7050AJ STMICROELECTRONICS-EV-VND7050AJ Datasheet
438Kb / 7P
   Undervoltage shutdown
July 2014 Rev 2
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com