công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STGIPS10K60T-H bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STGIPS10K60T-H
Giải thích chi tiết về linh kiện  Short-circuit rugged IGBTs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS10K60T-H bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STGIPS10K60T-H Datasheet HTML 1Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 2Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 3Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 4Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 5Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 6Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 7Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 8Page - STMicroelectronics STGIPS10K60T-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID024167 Rev 5
5/19
STGIPS10K60T-H
Electrical ratings
19
2
Electrical ratings
2.1
Absolute maximum ratings
Table 3. Inverter part
Symbol
Parameter
Value
Unit
VPN
Supply voltage applied between P - NU, NV, NW
450
V
VPN(surge)
Supply voltage (surge) applied between P - NU,
NV, NW
500
V
VCES
Each IGBT collector emitter voltage (VIN
(1) = 0)
1.
Applied between
HINi, LINi and GND for i = U, V, W.
600
V
± IC
(2)
2.
Calculated according to the iterative formula:
Each IGBT continuous collector current at
TC = 25°C
10
A
± ICP
(3)
3.
Pulse width limited by max junction temperature.
Each IGBT pulsed collector current
20
A
PTOT
Each IGBT total dissipation at TC = 25°C
33
W
tscw
Short-circuit withstand time, VCE = 0.5 V(BR)CES
Tj = 125 °C, VCC = Vboot= 15 V, VIN (1)= 5 V
5µs
Table 4. Control part
Symbol
Parameter
Min.
Max.
Unit
VOUT
Output voltage applied between OUTU, OUTV,
OUTW - GND
Vboot - 21
Vboot + 0.3
V
VCC
Low voltage power supply
- 0.3
21
V
Vboot
Bootstrap voltage
- 0.3
620
V
VIN
Logic input voltage applied between HIN, LIN and
GND
- 0.3
15
V
VSD
Open drain voltage
- 0.3
15
V
dVOUT/dt Allowed output slew rate
50
V/ns
Table 5. Total system
Symbol
Parameter
Value
Unit
VISO
Isolation withstand voltage applied between each
pin and heatsink plate (AC voltage, t = 60 sec.)
2500
V
TC
Module case operation temperature
-40 to 125
°C
TJ
Power chips operating junction temperature
-40 to 150
°C
I
C TC
()
T
jmax
() TC
R
thj
c
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
-------------------------------------------------------------------------------------------------------
=


Số phần tương tự - STGIPS10K60T-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGIPS10K60T STMICROELECTRONICS-STGIPS10K60T Datasheet
934Kb / 20P
   SLLIMM (small low-loss intelligent molded module) IPM, 3-phase inverter - 10 A, 600 V short-circuit rugged IGBT
More results

Mô tả tương tự - STGIPS10K60T-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGIPS35K60L1 STMICROELECTRONICS-STGIPS35K60L1 Datasheet
623Kb / 21P
   Short-circuit rugged IGBTs
August 2012 Rev 3
STGIPS15C60-H STMICROELECTRONICS-STGIPS15C60-H Datasheet
707Kb / 20P
   Short-circuit rugged IGBTs
April 2015 Rev 3
STGIPS10K60A2 STMICROELECTRONICS-STGIPS10K60A2 Datasheet
535Kb / 18P
   Short-circuit rugged IGBT
April 2015 Rev 3
STGIF7CH60TS-L STMICROELECTRONICS-STGIF7CH60TS-L Datasheet
491Kb / 25P
   SLLIMM??- 2nd series IPM, 3-phase inverter, 10 A, 600 V short-circuit rugged IGBTs
December 2015 Rev 6
STGIPQ8C60T-HZ STMICROELECTRONICS-STGIPQ8C60T-HZ Datasheet
697Kb / 25P
   SLLIMM??nano - 2nd series IPM, 3-phase inverter, 8 A, 600 V short-circuit rugged IGBTs
December 2016 Rev 3
STGIB30CH60TS-E STMICROELECTRONICS-STGIB30CH60TS-E Datasheet
572Kb / 22P
   SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
August 2014 Rev 2
STGIPQ5C60T-HLS STMICROELECTRONICS-STGIPQ5C60T-HLS Datasheet
1Mb / 27P
   SLLIMMTM nano - 2nd series IPM, 3-phase inverter, 5 A, 600 V, short‑circuit rugged IGBTs
March 2019 Rev 5
STGIB30CH60TS-L STMICROELECTRONICS-STGIB30CH60TS-L Datasheet
587Kb / 22P
   SLLIMM™ - 2nd series IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBTs
August 2014 Rev 2
STEVAL-IHM003V1 STMICROELECTRONICS-STEVAL-IHM003V1 Datasheet
116Kb / 4P
   Inverter stage IGBT short circuit rugged based
STGIPQ5C60T-HL STMICROELECTRONICS-STGIPQ5C60T-HL Datasheet
1Mb / 26P
   SLLIMM??nano - 2 nd series IPM, 3-phase inverter, 5 A, 600 V short-circuit rugged IGBTs
March 2017 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com