công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STGIPN3H60-H bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện STGIPN3H60-H
Giải thích chi tiết về linh kiện  3-phase inverters for motor drives
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3H60-H bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  STGIPN3H60-H Datasheet HTML 1Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 2Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 3Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 4Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 5Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 6Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 7Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 8Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Contents
STGIPN3H60-H
2/23
DocID024132 Rev 4
Contents
1
Internal schematic diagram and pin configuration ....................... 3
2
Electrical ratings ............................................................................. 6
2.1
Absolute maximum ratings ................................................................ 6
2.2
Thermal data ..................................................................................... 7
3
Electrical characteristics ................................................................ 8
3.1
Inverter part....................................................................................... 8
3.2
Control part ..................................................................................... 10
3.3
Waveform definitions....................................................................... 13
4
Smart shutdown function ............................................................. 14
5
Application circuit example .......................................................... 16
5.1
Guidelines ....................................................................................... 17
6
Package information ..................................................................... 18
6.1
NDIP-26L type C package information ............................................ 19
6.2
NDIP-26L packing information ........................................................ 21
7
Revision history ............................................................................ 22


Số phần tương tự - STGIPN3H60-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGIPN3H60 STMICROELECTRONICS-STGIPN3H60 Datasheet
550Kb / 21P
   SLLIMM??nano (small low-loss intelligent molded module)IPM
STGIPN3H60A STMICROELECTRONICS-STGIPN3H60A Datasheet
447Kb / 17P
   SLLIMM??nano (small low-loss intelligent molded module) IPM
STGIPN3H60AT STMICROELECTRONICS-STGIPN3H60AT Datasheet
497Kb / 19P
   SLLIMM??nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
September 2014 Rev 1
STGIPN3H60T-H STMICROELECTRONICS-STGIPN3H60T-H Datasheet
1Mb / 26P
   Optimized for low electromagnetic interference
March 2017 Rev 7
More results

Mô tả tương tự - STGIPN3H60-H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STGIPS10C60 STMICROELECTRONICS-STGIPS10C60 Datasheet
623Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIB10CH60TS-L STMICROELECTRONICS-STGIB10CH60TS-L Datasheet
1Mb / 24P
   3-phase inverters for motor drives
October 2016 Rev 6
STGIB15CH60TS-E STMICROELECTRONICS-STGIB15CH60TS-E Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIB15CH60TS-L STMICROELECTRONICS-STGIB15CH60TS-L Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIPL30C60-H STMICROELECTRONICS-STGIPL30C60-H Datasheet
1Mb / 24P
   3-phase inverters for motor drives
July 2013 Rev 4
STGIPS20C60T-H STMICROELECTRONICS-STGIPS20C60T-H Datasheet
992Kb / 19P
   3-phase inverters for motor drives
STGIPS15C60T-H STMICROELECTRONICS-STGIPS15C60T-H Datasheet
640Kb / 19P
   3-phase inverters for motor drives
STGIF5CH60TS-L STMICROELECTRONICS-STGIF5CH60TS-L Datasheet
600Kb / 25P
   3-phase inverters for motor drives
September 2015 Rev 5
STGIF5CH60TS-E STMICROELECTRONICS-STGIF5CH60TS-E Datasheet
648Kb / 22P
   3-phase inverters for motor drives
STGIPS15C60 STMICROELECTRONICS-STGIPS15C60 Datasheet
611Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIF10CH60TS-L STMICROELECTRONICS-STGIF10CH60TS-L Datasheet
490Kb / 25P
   3-phase inverters for motor drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com