công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EZR32LG330FR68G bảng dữ liệu(PDF) 1 Page - Silicon Laboratories

tên linh kiện EZR32LG330FR68G
Giải thích chi tiết về linh kiện  EZR32LG Wireless MCUs EZR32LG330 Data Sheet
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR32LG330FR68G bảng dữ liệu(HTML) 1 Page - Silicon Laboratories

  EZR32LG330FR68G Datasheet HTML 1Page - Silicon Laboratories EZR32LG330FR68G Datasheet HTML 2Page - Silicon Laboratories EZR32LG330FR68G Datasheet HTML 3Page - Silicon Laboratories EZR32LG330FR68G Datasheet HTML 4Page - Silicon Laboratories EZR32LG330FR68G Datasheet HTML 5Page - Silicon Laboratories EZR32LG330FR68G Datasheet HTML 6Page - Silicon Laboratories EZR32LG330FR68G Datasheet HTML 7Page - Silicon Laboratories EZR32LG330FR68G Datasheet HTML 8Page - Silicon Laboratories EZR32LG330FR68G Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
EZR32LG Wireless MCUs
EZR32LG330 Data Sheet
EZR32LG330 Wireless MCU family with ARM Cortex-M3 CPU,
USB, and sub-GHz Radio
The EZR32LG Wireless MCUs are the latest in Silicon Labs family of wireless MCUs de-
livering a high performance, low energy wireless solution integrated into a small form
factor package. By combining a high performance sub-GHz RF transceiver with an ener-
gy efficient 32-bit MCU, the EZR32LG family provides designers the ultimate in flexibility
with a family of pin-compatible devices that scale with 64/128/256 kB of flash and sup-
port Silicon Labs EZRadio or EZRadioPRO transceivers. The ultra-low power operating
modes and fast wake-up times of the Silicon Labs energy friendly 32-bit MCUs, com-
bined with the low transmit and receive power consumption of the sub-GHz radio, result
in a solution optimized for battery powered applications.
32-Bit ARM Cortex wireless MCUs applications include the following:
KEY FEATURES
• Silicon Labs’ first 32-bit Wireless MCUs
• Based on ARM Cortex M3 (LG) and M4
(WG) CPU cores with 256 kB of flash and
32 kB RAM
• Best-in-class RF performance with EZradio
and EZRadioPro transceivers
• Ultra-low power wireless MCU
• Low transmit and receive currents
• Ultra-low power standby and sleep
modes
• Fast wake-up time
• Low Energy sensor interface (LESENSE)
• Rich set of peripherals including 12-bit ADC
and DAC, multiple communication
interfaces (USB, UART, SPI, I2C), multiple
GPIO and timers
• AES Accelerator with 128/256-bit keys
• Energy, gas, water and smart metering
• Health and fitness applications
• Consumer electronics
• Alarm and security systems
• Building and home automation
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1


Số phần tương tự - EZR32LG330FR68G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
EZR32LG330F128R55G SILABS-EZR32LG330F128R55G Datasheet
1Mb / 87P
   Building and home automation
EZR32LG330F128R55G-B0 SILABS-EZR32LG330F128R55G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG330F128R55G-B0R SILABS-EZR32LG330F128R55G-B0R Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG330F128R60G-B0 SILABS-EZR32LG330F128R60G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32LG330F128R60G-B0R SILABS-EZR32LG330F128R60G-B0R Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
More results

Mô tả tương tự - EZR32LG330FR68G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
EZR32LG230F256 SILABS-EZR32LG230F256 Datasheet
1Mb / 87P
   EZR32LG Wireless MCUs EZR32LG230 Data Sheet
EZR32WG230F256 SILABS-EZR32WG230F256 Datasheet
1Mb / 87P
   EZR32WG Wireless MCUs EZR32WG230 Data Sheet
EZR32WG330F64R SILABS-EZR32WG330F64R Datasheet
1Mb / 87P
   EZR32WG Wireless MCUs EZR32WG330 Data Sheet
EZR32WG SILABS-EZR32WG Datasheet
1Mb / 89P
   EZR32WG Wireless MCUs
Rev. 2.1
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
BGM210P SILABS-BGM210P Datasheet
2Mb / 50P
   BGM210P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.3
BGM220P SILABS-BGM220P Datasheet
2Mb / 49P
   BGM220P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.0
BGM240P SILABS-BGM240P Datasheet
3Mb / 62P
   BGM240P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.0
BGX220P SILABS-BGX220P Datasheet
2Mb / 39P
   BGX220P Wireless Gecko Bluetooth Xpress Module Data Sheet
Rev. 1.0
BGM13P SILABS-BGM13P Datasheet
4Mb / 103P
   BGM13P Wireless Gecko Bluetooth ® Module Data Sheet
Rev. 1.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com