công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STFILED625 bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STFILED625
Giải thích chi tiết về linh kiện  N-channel 620 V, 1.28typ., 5.0 A Power MOSFET in I2PAKFP and TO-220 packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFILED625 bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STFILED625 Datasheet HTML 1Page - STMicroelectronics STFILED625 Datasheet HTML 2Page - STMicroelectronics STFILED625 Datasheet HTML 3Page - STMicroelectronics STFILED625 Datasheet HTML 4Page - STMicroelectronics STFILED625 Datasheet HTML 5Page - STMicroelectronics STFILED625 Datasheet HTML 6Page - STMicroelectronics STFILED625 Datasheet HTML 7Page - STMicroelectronics STFILED625 Datasheet HTML 8Page - STMicroelectronics STFILED625 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STFILED625, STPLED625
4/15
DocID024425 Rev 1
2
Electrical characteristics
(Tcase =25 °C unless otherwise specified)
Table 4. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
620
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 620 V
VDS = 620 V, TC=125 °C
1
50
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V; VDS=0
±10
µA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 50 µA
3
3.6
4.5
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 2.1 A
1.28
1.6
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50 V, f = 1 MHz,
VGS = 0
-
690
52
8.5
-
pF
pF
pF
COSS eq
(1)
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VGS = 0, VDS = 0 to 496 V
16.6
pF
Rg
Gate input resistance
f=1 MHz open drain
-
4
-
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 496 V, ID = 4.2 A,
VGS = 10 V
(see Figure 18)
-
27
4
16
-
nC
nC
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off-delay time
Fall time
VDD = 310 V, ID = 4.2 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 17)
-
12
8
40
21
-
ns
ns
ns
ns
Obsolete
Product(s)
- Obsolete
Product(s)


Số phần tương tự - STFILED625

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STFILED625H STMICROELECTRONICS-STFILED625H Datasheet
1Mb / 17P
   N-channel 650 V, 1.7 Ω typ., 4.5 A Power MOSFET in I2PAKFP, TO-220 and IPAK packages
April 2013
More results

Mô tả tương tự - STFILED625

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STDLED624 STMICROELECTRONICS-STDLED624 Datasheet
1Mb / 22P
   N-channel 620 V, 2.2 Ω typ., 4.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
March 2013
STDLED525 STMICROELECTRONICS-STDLED525 Datasheet
1Mb / 22P
   N-channel 525 V, 1.2 Ω typ., 5.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
March 2013
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STFILED627 STMICROELECTRONICS-STFILED627 Datasheet
1Mb / 15P
   N-channel 620 V, 0.95 廓 typ., 7.0 A Power MOSFET in I짼PAKFP and TO-220
August 2013 Rev 1
STFILED625H STMICROELECTRONICS-STFILED625H Datasheet
1Mb / 17P
   N-channel 650 V, 1.7 Ω typ., 4.5 A Power MOSFET in I2PAKFP, TO-220 and IPAK packages
April 2013
STB10N65K3 STMICROELECTRONICS-STB10N65K3 Datasheet
1Mb / 21P
   N-channel 650 V, 0.75 廓 typ., 10 A SuperMESH3??Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
August 2013 Rev 4
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
logo
STATEK CORPORATION
STP6N62K3 STATEK-STP6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3??Power MOSFET in TO-220FP, I짼PAKFP, I짼PAK, TO-220, IPAK packages
logo
STMicroelectronics
STF31N65M5 STMICROELECTRONICS-STF31N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
STF10N65K3 STMICROELECTRONICS-STF10N65K3 Datasheet
958Kb / 17P
   N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com