công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMW006R bảng dữ liệu(PDF) 11 Page - Silicon Laboratories

tên linh kiện AMW006R
Giải thích chi tiết về linh kiện  Embedded Wi-Fi Networking Solutions
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW006R bảng dữ liệu(HTML) 11 Page - Silicon Laboratories

Back Button AMW006R Datasheet HTML 7Page - Silicon Laboratories AMW006R Datasheet HTML 8Page - Silicon Laboratories AMW006R Datasheet HTML 9Page - Silicon Laboratories AMW006R Datasheet HTML 10Page - Silicon Laboratories AMW006R Datasheet HTML 11Page - Silicon Laboratories AMW006R Datasheet HTML 12Page - Silicon Laboratories AMW006R Datasheet HTML 13Page - Silicon Laboratories AMW006R Datasheet HTML 14Page - Silicon Laboratories AMW006R Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
WLAN RF Specifications, Section 4
AMW006 / AMW106 • Embedded Wi-Fi Networking Solutions
ADS-MWx06-106R • Preliminary Data Sheet
September 1, 2015
©2014-2015 ACKme Networks. http://ack.me
Page | 7
Parameter
Condition/Notes
Min
Typical
Max
Unit
Receive Sensitivity2
(10% PER for 4096 octet
PSDU) at either antenna port3.
Defined for default parame-
ters: GF, 800ns GI, and non-
STBC
65 Mbps MCS0, HT20
-86
-81
dBm
65 Mbps MCS7, HT20
-70
-65
Max. Receive Level @ 2.4GHz
@ 1, 2 Mbps (8% PER, 1024 octets)
-2
dBm
@ 5.5, 11 Mbps (8% PER, 1024 Octets)
-8
@ 6-54 Mbps (10% PER, 1000 Octets)
-11.5
Notes:
1. Operation below -20°C and above +65°C with parameter derating per Note 2
2. Derate receive sensitivity by 1.5dB for operation between temperatures of -30°C to -20°C and 65°C to 85°C
3. All measurements performed with the other antenna port terminated in 50 ohms
4.3 WLAN Transmitter Specifications
Table 9. WLAN Transmitter Performance Specifications
Parameter
Condition/Notes
Min
Typical
Max
Unit
Frequency Range
2400
2500
MHz
Operating Temperature1
-30
+85
°C
Transmit power2 measured at
either antenna port3 for high-
est power level setting at
25°C, VDD-3V3_RF_IN=3.3V
with spectral mask and EVM
compliance
EVM does NOT exceed :
1 Mbps DSSS
-11 dB
+14
+16
+18
dBm
11 Mbps CCK
-11 dB
+14
+16
+18
6 Mbps OFDM
-22 dB
+12
+14
+16
54 Mbps OFDM
-25 dB
+12
+14
+16
MCS0, HT20
-22 dB
+10
+12
+14
MCS7, HT20
-28 dB
+10
+12
+14
Notes:
1. Operation below -20°C and above +65°C with parameter derating per Note 2
2. Derate transmit power by 1.5dB for operation between temperatures of -30°C to -20°C and 65°C to 85°C
3. All measurements performed with the other antenna port terminated in 50 ohms


Số phần tương tự - AMW006R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AMW006 ETC2-AMW006 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Silicon Laboratories
AMW006 SILABS-AMW006 Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
AMW006-A1U SILABS-AMW006-A1U Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
AMW006-A1W SILABS-AMW006-A1W Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
AMW006-A1X SILABS-AMW006-A1X Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
More results

Mô tả tương tự - AMW006R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AMW006 ETC2-AMW006 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Silicon Laboratories
AMW106-E03 SILABS-AMW106-E03 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
List of Unclassifed Man...
AMW004 ETC2-AMW004 Datasheet
1Mb / 29P
   Embedded Wi-Fi Networking Solution
logo
Silicon Laboratories
AMW037 SILABS-AMW037 Datasheet
2Mb / 32P
   Embedded Wi-Fi Networking Solution
August 29, 2017
logo
World Produts Inc.
WPANT10042 WPI-WPANT10042 Datasheet
93Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10032 WPI-WPANT10032 Datasheet
111Kb / 3P
   Wi-Fi Embedded Antenna
WPANT10049 WPI-WPANT10049 Datasheet
98Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
   Dual-band Wi-Fi Embedded Antenna
WPANT10052 WPI-WPANT10052 Datasheet
154Kb / 3P
   Vertically Polarized Wi-Fi Embedded Antenna
WPANT10048-S1C WPI-WPANT10048-S1C Datasheet
109Kb / 2P
   2.4 GHz Wi-Fi Embedded Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com