công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMW006R bảng dữ liệu(PDF) 5 Page - Silicon Laboratories

tên linh kiện AMW006R
Giải thích chi tiết về linh kiện  Embedded Wi-Fi Networking Solutions
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW006R bảng dữ liệu(HTML) 5 Page - Silicon Laboratories

  AMW006R Datasheet HTML 1Page - Silicon Laboratories AMW006R Datasheet HTML 2Page - Silicon Laboratories AMW006R Datasheet HTML 3Page - Silicon Laboratories AMW006R Datasheet HTML 4Page - Silicon Laboratories AMW006R Datasheet HTML 5Page - Silicon Laboratories AMW006R Datasheet HTML 6Page - Silicon Laboratories AMW006R Datasheet HTML 7Page - Silicon Laboratories AMW006R Datasheet HTML 8Page - Silicon Laboratories AMW006R Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
General Description, Section 1
AMW006 / AMW106 • Embedded Wi-Fi Networking Solutions
ADS-MWx06-106R • Preliminary Data Sheet
September 1, 2015
©2014-2015 ACKme Networks. http://ack.me
Page | 1
1
General Description
The AMW006 and AMW106 modules from ACKme Net-
works combine a microcontroller with a BCM43362 Wi-
Fi device to provide an advanced stand-alone Wi-Fi and
networking solution.
The term AMWx06 refers to both modules.
An integrated module avoids difficult RF layout and ena-
bles designers to rapidly embed Wi-Fi and secure net-
working functionality into virtually any device.
The ACKme Networks WiConnect serial-to-Wi-Fi applica-
tion, pre-programmed into all modules, may be used to
fast-track module integration into end-products.
With dimensions of just 20.3mm x 15.2mm and a wide
temperature range, the module is suitable for integra-
tion into most embedded applications.
The Wi-Fi device from Broadcom includes an integrated
RF transmit power amplifier and provides superior Wi-
Fi performance and full compatibility with all 2.4GHz
802.11b/g/n Wi-Fi networks. Connections for two exter-
nal antennas provide applications with maximum radio
range and mechanical design flexibility.
The microprocessor is based on a high-performance
ARM® 32-bit Cortex™-M4.
The AMW006/AMW106 microcontroller core operates
at a frequency up to 84/100MHz providing up to 125
DMIPS or 1.25 DMIPS/MHz (Dhrystone 2.1).
The AMW006 has 96KB of RAM.
The AMW106 has 128KB of RAM.
The AMWx06 module offers extensive I/O and periph-
eral
interfaces
listed
below,
and
provides
additional
interface
combinations
by
leveraging
multiplexing and alternate function capabilities.
 2 x 4-Wire UART interfaces
 2 x SPI interfaces (1 master, 1 slave)
 21 x GPIOs
 9 x 12-bit A/D converters
 14 x PWM outputs
 1 x ultra-low power wake input
The module is powered by a 3.3V power supply, a sepa-
rate WLAN power supply pin is provided to minimize
noise coupling into the WLAN subsystem.
Various powersave modes offer ultra-low power opera-
tion. Wake from low power sleep mode is possible using
IO pins or the internal real-time clock, and wake from ul-
tra-low power standby mode is achieved using the dedi-
cated wake pin.
The module incorporates a 32.768kHz crystal to main-
tain an accurate real time clock. A 32kHz clock output is
available on a dedicated module pin in both active power
save modes. The 32kHz clock output may be used to
drive the clock input of other system devices. This avoids
the need for an additional crystal thereby minimizing to-
tal system cost.
The module has FCC & IC modular approval for use in the
United States and Canada, CE approval for use in Europe,
TELEC/MIC approval for use in Japan and related approv-
als for use in other countries.


Số phần tương tự - AMW006R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AMW006 ETC2-AMW006 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Silicon Laboratories
AMW006 SILABS-AMW006 Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
AMW006-A1U SILABS-AMW006-A1U Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
AMW006-A1W SILABS-AMW006-A1W Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
AMW006-A1X SILABS-AMW006-A1X Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
More results

Mô tả tương tự - AMW006R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AMW006 ETC2-AMW006 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Silicon Laboratories
AMW106-E03 SILABS-AMW106-E03 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
List of Unclassifed Man...
AMW004 ETC2-AMW004 Datasheet
1Mb / 29P
   Embedded Wi-Fi Networking Solution
logo
Silicon Laboratories
AMW037 SILABS-AMW037 Datasheet
2Mb / 32P
   Embedded Wi-Fi Networking Solution
August 29, 2017
logo
World Produts Inc.
WPANT10042 WPI-WPANT10042 Datasheet
93Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10032 WPI-WPANT10032 Datasheet
111Kb / 3P
   Wi-Fi Embedded Antenna
WPANT10049 WPI-WPANT10049 Datasheet
98Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
   Dual-band Wi-Fi Embedded Antenna
WPANT10052 WPI-WPANT10052 Datasheet
154Kb / 3P
   Vertically Polarized Wi-Fi Embedded Antenna
WPANT10048-S1C WPI-WPANT10048-S1C Datasheet
109Kb / 2P
   2.4 GHz Wi-Fi Embedded Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com