công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMW006S bảng dữ liệu(PDF) 6 Page - Silicon Laboratories

tên linh kiện AMW006S
Giải thích chi tiết về linh kiện  Embedded Wi-Fi Networking Solutions
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW006S bảng dữ liệu(HTML) 6 Page - Silicon Laboratories

Back Button AMW006S Datasheet HTML 2Page - Silicon Laboratories AMW006S Datasheet HTML 3Page - Silicon Laboratories AMW006S Datasheet HTML 4Page - Silicon Laboratories AMW006S Datasheet HTML 5Page - Silicon Laboratories AMW006S Datasheet HTML 6Page - Silicon Laboratories AMW006S Datasheet HTML 7Page - Silicon Laboratories AMW006S Datasheet HTML 8Page - Silicon Laboratories AMW006S Datasheet HTML 9Page - Silicon Laboratories AMW006S Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Block Diagram, Section 2
AMW006 / AMW106 • Embedded Wi-Fi Networking Solutions
ADS-MWx06-106R • Preliminary Data Sheet
September 1, 2015
©2014-2015 ACKme Networks. http://ack.me
Page | 2
2
Block Diagram
Figure 1 is a block diagram of the AMWx06 module. The
main components of the module are a microprocessor
and BCM43362 Wi-Fi System-on-Chip (SoC). The proces-
sor and peripherals are driven by a 26MHz crystal. The
integrated real-time clock (RTC) is driven by a 32.768kHz
crystal. An on-board 1MByte serial flash chip may be
used to store user data and configuration, additional ap-
plications, and firmware images as part of the ACKme se-
cure over the air (OTA) update process.
The WLAN subsystem is controlled by WiConnect ena-
bling the module to achieve minimum power consump-
tion when the Wi-Fi networking interface is not required.
The module includes an antenna diversity switch. The
switch enables static or dynamic control of the external
antenna(s).
Figure 1. AMW006 / AMW106 Architecture
Antenna
Switch
VBAT
3v3 MCU
3v3 Wi-Fi
32kHz Out
ADC
PWM
UART
SPI
GPIO
Reset
ARM
Cortex M4
BCM43362
Wi-Fi
26MHz
32kHz
1 MByte
Serial Flash
AMW006 / AMW106
Antenna 1
Antenna 2


Số phần tương tự - AMW006S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AMW006 ETC2-AMW006 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Silicon Laboratories
AMW006 SILABS-AMW006 Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
AMW006-A1U SILABS-AMW006-A1U Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
AMW006-A1W SILABS-AMW006-A1W Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
AMW006-A1X SILABS-AMW006-A1X Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
More results

Mô tả tương tự - AMW006S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AMW006 ETC2-AMW006 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Silicon Laboratories
AMW106-E03 SILABS-AMW106-E03 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
List of Unclassifed Man...
AMW004 ETC2-AMW004 Datasheet
1Mb / 29P
   Embedded Wi-Fi Networking Solution
logo
Silicon Laboratories
AMW037 SILABS-AMW037 Datasheet
2Mb / 32P
   Embedded Wi-Fi Networking Solution
August 29, 2017
logo
World Produts Inc.
WPANT10042 WPI-WPANT10042 Datasheet
93Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10032 WPI-WPANT10032 Datasheet
111Kb / 3P
   Wi-Fi Embedded Antenna
WPANT10049 WPI-WPANT10049 Datasheet
98Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
   Dual-band Wi-Fi Embedded Antenna
WPANT10052 WPI-WPANT10052 Datasheet
154Kb / 3P
   Vertically Polarized Wi-Fi Embedded Antenna
WPANT10048-S1C WPI-WPANT10048-S1C Datasheet
109Kb / 2P
   2.4 GHz Wi-Fi Embedded Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com