công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25576-Q1 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM25576-Q1
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25576-Q1 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM25576-Q1 Datasheet HTML 1Page - Texas Instruments LM25576-Q1 Datasheet HTML 2Page - Texas Instruments LM25576-Q1 Datasheet HTML 3Page - Texas Instruments LM25576-Q1 Datasheet HTML 4Page - Texas Instruments LM25576-Q1 Datasheet HTML 5Page - Texas Instruments LM25576-Q1 Datasheet HTML 6Page - Texas Instruments LM25576-Q1 Datasheet HTML 7Page - Texas Instruments LM25576-Q1 Datasheet HTML 8Page - Texas Instruments LM25576-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
BST
SW
COMP
FB
SS
RAMP
RT
VCC
VIN
OUT
IS
GND
LM25576
VIN
VOUT
SYNC
SD
LM25576, LM25576-Q1
www.ti.com
SNVS470G – JANUARY 2007 – REVISED APRIL 2013
LM25576/LM25576-Q1 SIMPLE SWITCHER® 42V, 3A Step-Down Switching Regulator
Check for Samples: LM25576, LM25576-Q1
1
FEATURES
DESCRIPTION
The
LM25576
is
an
easy
to
use
SIMPLE
23
LM25576-Q1 is an Automotive Grade Product
SWITCHER® buck regulator which allows design
that is AEC-Q100 Grade 1 Qualified (
−40°C to +
engineers to design and optimize a robust power
125°C Operating Junction Temperature)
supply
using
a
minimum
set
of
components.
Integrated 42V, 170m
Ω N-channel MOSFET
Operating with an input voltage range of 6 - 42V, the
LM25576 delivers 3A of continuous output current
Ultra-Wide Input Voltage Range from 6V to 42V
with an integrated 170m
Ω N-Channel MOSFET. The
Adjustable Output Voltage as Low as 1.225V
regulator
utilizes
an
Emulated
Current
Mode
1.5% Feedback Reference Accuracy
architecture which provides inherent line regulation,
Operating Frequency Adjustable Between
tight load transient response, and ease of loop
compensation without the usual limitation of low-duty
50kHz and 1MHz with Single Resistor
cycles associated with current mode regulators. The
Master or Slave Frequency Synchronization
operating frequency is adjustable from 50kHz to
Adjustable Soft-Start
1MHz to allow optimization of size and efficiency. To
Emulated Current Mode Control Architecture
reduce EMI, a frequency synchronization pin allows
multiple IC’s from the LM(2)557x family to self-
Wide Bandwidth Error Amplifier
synchronize or to synchronize to an external clock.
Built-in Protection
The LM25576 ensures robustness with cycle-by-cycle
Automotive Grade Product Datasheet that is
current limit, short-circuit protection, thermal shut-
down, and remote shut-down. The device is available
AEC-Q100 Grade 0 Qualified is Available Upon
in a power enhanced HTSSOP-20 package featuring
Request.
an exposed die attach pad for thermal dissipation.
(
−40°C to + 150°C Operating Junction
The LM25576 is supported by the full suite of
Temperature)
WEBENCH® On-Line design tools.
APPLICATIONS
PACKAGE
Automotive
HTSSOP-20EP (Exposed Pad)
Industrial
Simplified Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
WEBENCH is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM25576-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25576-Q1 TI-LM25576-Q1 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
More results

Mô tả tương tự - LM25576-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25576MHX TI1-LM25576MHX Datasheet
1Mb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
logo
National Semiconductor ...
LM5576 NSC-LM5576_09 Datasheet
465Kb / 24P
   SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM22670MRE-ADJ TI-LM22670MRE-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com