công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5576 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM5576
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5576 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM5576 Datasheet HTML 1Page - Texas Instruments LM5576 Datasheet HTML 2Page - Texas Instruments LM5576 Datasheet HTML 3Page - Texas Instruments LM5576 Datasheet HTML 4Page - Texas Instruments LM5576 Datasheet HTML 5Page - Texas Instruments LM5576 Datasheet HTML 6Page - Texas Instruments LM5576 Datasheet HTML 7Page - Texas Instruments LM5576 Datasheet HTML 8Page - Texas Instruments LM5576 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
1
2
3
4
5
6
7
8
9
10
VIN
PRE
COMP
VCC
SW
PGND
IS
RT
SS
11
12
13
14
15
16
RAMP
SYNC
OUT
SD
BST
AGND
FB
17
18
19
20
PGND
IS
VIN
SW
3
LM5576, LM5576-Q1
www.ti.com
SNVS447J – JANUARY 2007 – REVISED NOVEMBER 2014
Product Folder Links: LM5576 LM5576-Q1
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
5 Pin Configuration and Functions
20-Pin
HTSSOP Package
Top View
Pin Functions
PIN
I/O
DESCRIPTION
APPLICATION INFORMATION
NO.
NAME
1
VCC
O
Output of the bias regulator
VCC tracks VIN up to 9 V. Beyond 9 V, VCC is
regulated to 7 Volts. A 0.1-uF to 1-uF ceramic
decoupling capacitor is required. An external voltage
(7.5 V – 14 V) can be applied to this pin to reduce
internal power dissipation.
2
SD
I
Shutdown or UVLO input
If the SD pin voltage is below 0.7 V the regulator will
be in a low power state. If the SD pin voltage is
between 0.7 V and 1.225 V the regulator will be in
standby mode. If the SD pin voltage is above 1.225 V
the regulator will be operational. An external voltage
divider can be used to set a line undervoltage
shutdown threshold. If the SD pin is left open circuit,
a 5-µA pull-up current source configures the
regulator fully operational.
3, 4
VIN
I
Input supply voltage
Nominal operating range: 6 V to 75 V
5
SYNC
I
Oscillator synchronization input or output
The internal oscillator can be synchronized to an
external clock with an external pull-down device.
Multiple LM5576 devices can be synchronized
together by connection of their SYNC pins.
6
COMP
O
Output of the internal error amplifier
The loop compensation network should be connected
between this pin and the FB pin.
7
FB
I
Feedback signal from the regulated output
This pin is connected to the inverting input of the
internal error amplifier. The regulation threshold is
1.225 V.
8
RT
I
Internal oscillator frequency set input
The internal oscillator is set with a single resistor,
connected between this pin and the AGND pin.
9
RAMP
O
Ramp control signal
An external capacitor connected between this pin
and the AGND pin sets the ramp slope used for
current mode control. Recommended capacitor range
50 pF to 2000 pF.
10
AGND
GROUND
Analog ground
Internal reference for the regulator control functions
11
SS
O
Soft-start
An external capacitor and an internal 10-µA current
source set the time constant for the rise of the error
amp reference. The SS pin is held low during
standby, VCC UVLO and thermal shutdown.
12
OUT
O
Output voltage connection
Connect directly to the regulated output voltage.


Số phần tương tự - LM5576

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM5576 NSC-LM5576 Datasheet
465Kb / 24P
   SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5576 TI-LM5576 Datasheet
1Mb / 30P
[Old version datasheet]   Ultra-Wide Input Voltage Range from 6V to 75V, Adjustable Output Voltage as Low as 1.225V
LM5576 TI-LM5576 Datasheet
1,022Kb / 30P
[Old version datasheet]   LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
More results

Mô tả tương tự - LM5576

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5574-Q1 TI1-LM5574-Q1 Datasheet
1,018Kb / 33P
[Old version datasheet]   Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1_17 Datasheet
1Mb / 33P
[Old version datasheet]   Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5576 TI-LM5576_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM22670 TI1-LM22670_17 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5575 NSC-LM5575_09 Datasheet
455Kb / 22P
   SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com