công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5576 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LM5576
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5576 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM5576_17 Datasheet HTML 1Page - Texas Instruments LM5576_17 Datasheet HTML 2Page - Texas Instruments LM5576_17 Datasheet HTML 3Page - Texas Instruments LM5576_17 Datasheet HTML 4Page - Texas Instruments LM5576_17 Datasheet HTML 5Page - Texas Instruments LM5576_17 Datasheet HTML 6Page - Texas Instruments LM5576_17 Datasheet HTML 7Page - Texas Instruments LM5576_17 Datasheet HTML 8Page - Texas Instruments LM5576_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
LM5576, LM5576-Q1
www.ti.com
SNVS447J – JANUARY 2007 – REVISED NOVEMBER 2014
Product Folder Links: LM5576 LM5576-Q1
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Handling Ratings: LM5576-Q1
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(1)
2
kV
6.4 Recommended Operating Conditions
MIN
MAX
UNIT
VIN
6
75
V
Operation Junction Temperature (Q0)
−40
150
°C
Operation Junction Temperature (Q1)
−40
125
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Thermal Information
THERMAL METRIC(1)
LM5576
UNIT
PWP
20 PINS
RθJA
Junction-to-ambient thermal resistance
40
°C/W
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Texas Instruments' Average Outgoing Quality Level
(AOQL).
6.6 Electrical Characteristics
Typical values correspond to TJ = 25°C, VIN = 48 V, RT = 32.4kΩ. Minimum and maximum limits apply over –40°C to 125°C
junction temperature range unless otherwise stated.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STARTUP REGULATOR
VCC Reg
VCC Regulator Output
6.85
7.15
7.45
V
VCC LDO Mode turn-off
9
V
VCC Current Limit
VCC = 0 V
25
mA
VCC SUPPLY
VCC UVLO Threshold
(VCC increasing)
5.03
5.35
5.67
V
VCC Undervoltage Hysteresis
0.25
V
Bias Current (Iin)
FB = 1.3 V
3.4
4.5
mA
Shutdown Current (Iin)
SD = 0 V
57
85
µA
SHUTDOWN THRESHOLDS
Shutdown Threshold
(SD Increasing)
0.47
0.7
0.9
V
Shutdown Hysteresis
0.1
V
Standby Threshold
(Standby Increasing)
1.17
1.225
1.28
V
Standby Hysteresis
0.1
V
SD Pull-up Current Source
5
µA
SWITCH CHARACTERISTICS
Buck Switch Rds(on) (Q0)
170
380
m
Buck Switch Rds(on) (Q1)
170
340
m
BOOST UVLO
3.8
V
BOOST UVLO Hysteresis
0.56
V
Pre-charge Switch Rds(on)
70
Pre-charge Switch on-time
265
ns
CURRENT LIMIT
Cycle by Cycle Current Limit (Q0)
RAMP = 0 V
3.6
4.2
5.5
A


Số phần tương tự - LM5576_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM5576 TI-LM5576_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
More results

Mô tả tương tự - LM5576_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5574-Q1 TI1-LM5574-Q1 Datasheet
1,018Kb / 33P
[Old version datasheet]   Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1_17 Datasheet
1Mb / 33P
[Old version datasheet]   Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5576 TI-LM5576_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM22670 TI1-LM22670_17 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5575 NSC-LM5575_09 Datasheet
455Kb / 22P
   SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com