công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM137H-MD8 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện LM137H-MD8
Giải thích chi tiết về linh kiện  3-Terminal Adjustable Negative Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM137H-MD8 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM137H-MD8 Datasheet HTML 1Page - Texas Instruments LM137H-MD8 Datasheet HTML 2Page - Texas Instruments LM137H-MD8 Datasheet HTML 3Page - Texas Instruments LM137H-MD8 Datasheet HTML 4Page - Texas Instruments LM137H-MD8 Datasheet HTML 5Page - Texas Instruments LM137H-MD8 Datasheet HTML 6Page - Texas Instruments LM137H-MD8 Datasheet HTML 7Page - Texas Instruments LM137H-MD8 Datasheet HTML 8Page - Texas Instruments LM137H-MD8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
LM137QML
SNVS313E – DECEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM137QML
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information ................................................. 4
6.5
Quality Conformance Inspection ............................... 5
6.6
LM137H
883 Electrical Characteristics DC
Parameters................................................................. 6
6.7
LM137H
883 Electrical Characteristics AC
Parameters................................................................. 6
6.8
LM137K
883 Electrical Characteristics DC
Parameters................................................................. 7
6.9
LM137K
883 Electrical Characteristics AC
Parameters................................................................. 7
6.10
LM137H
RH Electrical Characteristics DC
Parameters 5962P9951708VXA ................................ 8
6.11
LM137H
RH Electrical Characteristics AC
Parameters 5962P9951708VXA ................................ 9
6.12
LM137H
RH Electrical Characteristics DC
Parameters
Drift Values 5962P9951708VXA.......... 9
6.13
LM137H
RH Electrical Characteristics DC
Parameters
Post Radiation Limits +25°C
5962P9951708VXA.................................................... 9
6.14
Typical Performance Characteristics .................... 10
7
Detailed Description ............................................ 12
7.1
Functional Block Diagram ....................................... 12
8
Application and Implementation ........................ 13
8.1
Application Information and Schematic Diagram .... 13
8.2
Typical Applications ................................................ 13
9
Power Supply Recommendations ...................... 16
9.1
Thermal Regulation................................................. 16
10
Device and Documentation Support ................. 17
10.1
Trademarks ........................................................... 17
10.2
Electrostatic Discharge Caution ............................ 17
10.3
Glossary ................................................................ 17
11
Mechanical, Packaging, and Orderable
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (February 2015) to Revision E
Page
Updated the package orderable addendum ........................................................................................................................... 1
Changes from Revision C (April 2013) to Revision D
Page
Added, updated, or renamed the following sections: Device Information table, Specifications, Feature Description,
Layout, Application and Implementation, Power supply Recommendations, Device and Documentation Support,
Mechanical, Packaging, and Ordering Information................................................................................................................. 1
Changed Vout Recovery condition from -4.25 V to -40 V ..................................................................................................... 9
Changes from Revision B (March 2013) to Revision C
Page
Changed layout of National Data Sheet to TI format. ........................................................................................................... 1
Changes from Revision A (December 2010) to Revision B
Page
Added new LM137H1PQMLV to Ordering Information .......................................................................................................... 1
Added to the HEADER of DC Parameters — Post Radiation Limits 5962P9951701VXA. Added the HEADER and
TABLE of DC Parameters — Post Radiation Limits 5962P9951708VXA for Electrical Characteristics tables...................... 6


Số phần tương tự - LM137H-MD8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM137H-MD8 TI1-LM137H-MD8 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results

Mô tả tương tự - LM137H-MD8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com