công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM137H/883 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM137H/883
Giải thích chi tiết về linh kiện  3-Terminal Adjustable Negative Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM137H/883 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM137H/883 Datasheet HTML 5Page - Texas Instruments LM137H/883 Datasheet HTML 6Page - Texas Instruments LM137H/883 Datasheet HTML 7Page - Texas Instruments LM137H/883 Datasheet HTML 8Page - Texas Instruments LM137H/883 Datasheet HTML 9Page - Texas Instruments LM137H/883 Datasheet HTML 10Page - Texas Instruments LM137H/883 Datasheet HTML 11Page - Texas Instruments LM137H/883 Datasheet HTML 12Page - Texas Instruments LM137H/883 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
LM137QML
www.ti.com
SNVS313E – DECEMBER 2010 – REVISED DECEMBER 2016
Product Folder Links: LM137QML
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in Mil-Std-883, Method 1019.5,
Condition A.
(2)
Limit of 0.3mV/mA is equivalent to 60mV
6.11 LM137H
RH Electrical Characteristics AC Parameters 5962P9951708VXA
The following conditions apply, unless otherwise specified.
(1)
PARAMETER
TEST CONDITIONS
SUB-
GROUPS
MIN
MAX
UNIT
ΔVIN / ΔVOUT
Ripple Rejection
VIN = -6.25 V, IL = 125 mA,
eI = 1VRMS at 2400 Hz
9
48
dB
VNO
Output Noise Voltage
VIN = -6.25 V, IL = 50 mA
9
120 µVRMS
ΔVOUT / ΔVIN
Line Transient
Response
VIN = -6.25 V, VPulse = -1V, IL = 50 mA
9
80
mV/V
ΔVO / Δ IL
Load Transient
Response(2)
VIN = -6.25 V, IL = 50 mA, Δ IL = 200 mA
9
60
mV
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in Mil-Std-883, Method 1019.5,
Condition A.
6.12 LM137H
RH Electrical Characteristics DC Parameters
Drift Values 5962P9951708VXA
The following conditions apply, unless otherwise specified.
(1)
Delta calculations performed on QMLV devices at group B, subgroup 5 only.
PARAMETER
TEST CONDITIONS
SUB-
GROUPS
MIN
MAX
UNIT
VOUT
Output Voltage
VIN = -4.25 V, IL = 5 mA
1
-0.01
0.01
V
VIN = -4.25 V, IL = 500 mA
1
-0.01
0.01
V
VIN = -41.25 V, IL = 5 mA
1
-0.01
0.01
V
VIN = -41.25 V, IL = 50 mA
1
-0.01
0.01
V
VR Line
Line Regulation
VIN = -41.25 V to -4.25 V, IL = 5 mA
1
-4.0
4.0
mV
IAdj
Adjust Pin Current
VIN = -4.25 V, IL = 5 mA
1
-10
10
µA
VIN = -41.25 V, IL = 5 mA
1
-10
10
µA
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in Mil-Std-883, Method 1019.5,
Condition A.
6.13 LM137H
RH Electrical Characteristics DC Parameters
Post Radiation Limits +25°C
5962P9951708VXA
The following conditions apply, unless otherwise specified.
(1)
PARAMETER
TEST CONDITIONS
SUB-
GROUPS
MIN
MAX
UNIT
VOUT
Output Voltage
VIN = -41.25 V, IL = 5 mA
1
-1.30
-1.225
V
VIN = -41.25 V, IL = 50 mA
1
-1.30
-1.225
V
VR Line
Line Regulation
VIN = -41.25 V to -4.25 V, IL = 5 mA
1
-9.0
+50
mV
IAdj
Adjust Pin Current
VIN = -41.25 V, IL = 5 mA
1
25
140
µA
Δ IAdj / VLine
Adjust Pin Current
Change vs. Line Voltage
VIN = -41.25 V to -4.25 V, IL = 5 mA
1
-70
+20
µA
VOUT Recovery
Output Voltage
Recovery After Output
Short Circuit Current
VIN = -40 V
1
-1.30
-1.225
V


Số phần tương tự - LM137H/883

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM137H/883 NSC-LM137H/883 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137H/883 TI1-LM137H/883 Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137H/883 TI1-LM137H/883 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results

Mô tả tương tự - LM137H/883

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com