công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM137QML bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện LM137QML
Giải thích chi tiết về linh kiện  3-Terminal Adjustable Negative Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM137QML bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LM137QML_17 Datasheet HTML 4Page - Texas Instruments LM137QML_17 Datasheet HTML 5Page - Texas Instruments LM137QML_17 Datasheet HTML 6Page - Texas Instruments LM137QML_17 Datasheet HTML 7Page - Texas Instruments LM137QML_17 Datasheet HTML 8Page - Texas Instruments LM137QML_17 Datasheet HTML 9Page - Texas Instruments LM137QML_17 Datasheet HTML 10Page - Texas Instruments LM137QML_17 Datasheet HTML 11Page - Texas Instruments LM137QML_17 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
LM137QML
SNVS313E – DECEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM137QML
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in Mil-Std-883, Method 1019.5,
Condition A.
(2)
Tested at +125°C ; correlated to +150°C
6.10 LM137H
RH Electrical Characteristics DC Parameters 5962P9951708VXA
The following conditions apply, unless otherwise specified.
(1)
PARAMETER
TEST CONDITIONS
SUB-
GROUPS
MIN
MAX
UNIT
VOUT
Output Voltage
VIN = -4.25 V, IL = 5 mA
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
VIN = -4.25 V, IL = 500 mA
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
VIN = -41.25 V, IL = 5 mA
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
VIN = -41.25 V, IL = 50 mA
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
VR Line
Line Regulation
VIN = -41.25 V to -4.25 V, IL = 5 mA
1
-9.0
9.0
mV
2, 3
-23
23
mV
VR Load
Load Regulation
VIN = -6.25 V, IL = 5 mA to 500 mA
1
-12
12
mV
2, 3
-24
24
mV
VIN = -41.25 V, IL = 5 mA to 50 mA
1
-6.0
6.0
mV
2, 3
-12
12
mV
VIN = -6.25 V, IL = 5 mA to 200 mA
1
-6.0
6.0
mV
2, 3
-12
12
mV
VRth
Thermal Regulation
VIN = -14.6 V, IL = 500 mA
1
-5.0
5.0
mV
IAdj
Adjust Pin Current
VIN = -4.25 V, IL = 5 mA
1, 2, 3
25
100
µA
VIN = -41.25 V, IL = 5 mA
1, 2, 3
25
100
µA
Δ IAdj / VLine
Adjust Pin Current
Change vs. Line Voltage
VIN = -41.25 V to -4.25 V, IL = 5 mA
1, 2, 3
-5.0
5.0
µA
Δ IAdj / ILoad
Adjust Pin Current
Change vs. Load
Current
VIN = -6.25 V, IL = 5 mA to 500 mA
1, 2, 3
-5.0
5.0
µA
IOS
Output Short Circuit
Current
VIN = -4.25 V
1, 2, 3
0.5
1.8
A
VIN = -40 V
1, 2, 3
0.05
0.5
A
VOUT Recovery
Output Voltage
Recovery After Output
Short Circuit Current
VIN = -4.25 V
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
VIN = -40 V
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
IQ
Minimum Load Current
VIN = -4.25 V
1, 2, 3
0.2
3.0
mA
VIN = -14.25 V
1, 2, 3
0.2
3.0
mA
VIN = -41.25 V
1, 2, 3
1.0
5.0
mA
VStart
Voltage Start-up
VIN = -4.25 V, IL = 500 mA
1
-1.275
-1.225
V
2, 3
-1.3
-1.2
V
VOUT
Output Voltage(2)
VIN = -6.25 V, IL = 5 mA
2
-1.3
-1.2
V


Số phần tương tự - LM137QML_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results

Mô tả tương tự - LM137QML_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com