công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STFW42N60M2-EP bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STFW42N60M2-EP
Giải thích chi tiết về linh kiện  N-channel 600 V, 0.076 ??typ., 34 A MDmesh??M2 EP Power MOSFETs in TO-220FP and TO-3PF packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW42N60M2-EP bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STFW42N60M2-EP Datasheet HTML 1Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 2Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 3Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 4Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 5Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 6Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 7Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 8Page - STMicroelectronics STFW42N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 2015
DocID027376 Rev 1
1/16
STF42N60M2-EP,
STFW42N60M2-EP
N-channel 600 V, 0.076
Ω typ., 34 A MDmesh™ M2 EP
Power MOSFETs in TO-220FP and TO-3PF packages
Datasheet
production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Excellent output capacitance (COSS) profile
• Very low turn-off switching losses
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
• Tailored for very high frequency converters
(f > 150 kHz)
Description
These devices are N-channel Power MOSFETs
developed using MDmesh™ M2 EP enhanced
performance technology. Thanks to their strip
layout and improved vertical structure, the
devices exhibit low on-resistance and optimized
switching characteristics with very low turn-off
switching losses, rendering them suitable for the
most demanding very high frequency converters.
AM01476v1
TO-220FP
TO-3PF
1
2
3
Order codes
VDS @
TJmax
RDS(on)
max
ID
STF42N60M2-EP
650 V
0.087
34 A
STFW42N60M2-EP
Table 1. Device summary
Order codes
Marking
Package
Packaging
STF42N60M2-EP
42N60M2EP
TO-220FP
Tube
STFW42N60M2-EP
TO-3PF
www.st.com


Số phần tương tự - STFW42N60M2-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STFW40N60M2 STMICROELECTRONICS-STFW40N60M2 Datasheet
886Kb / 18P
   N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
September 2016
STFW45N65M5 STMICROELECTRONICS-STFW45N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 35 A, 0.067 廓 typ., MDmesh??V Power MOSFETs in TO-3PF, TO-247 and TO-247 long leads packages
May 2014 Rev 2
logo
Inchange Semiconductor ...
STFW45N65M5 ISC-STFW45N65M5 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STFW4N150 STMICROELECTRONICS-STFW4N150 Datasheet
459Kb / 16P
   N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
STFW4N150 STMICROELECTRONICS-STFW4N150 Datasheet
762Kb / 15P
   N-channel 1500 V, 5 廓, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
More results

Mô tả tương tự - STFW42N60M2-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
   N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
September 2016
STB42N60M2-EP STMICROELECTRONICS-STB42N60M2-EP Datasheet
393Kb / 20P
   N-channel 600 V, 0.076 廓 typ., 34 A MDmesh??M2 EP Power MOSFETs in D짼PAK, TO-220 and TO-247 packages
January 2015 Rev 1
STF26N60M2 STMICROELECTRONICS-STF26N60M2 Datasheet
434Kb / 15P
   N-channel 600 V, 0.14 廓 typ., 20 A MDmesh??M2 Power MOSFETs in TO-220FP and I짼PAKFP packages
July 2015 Rev 2
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
   N-channel 600 V, 0.150 廓 typ., 20 A MDmesh??M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STF25N60M2-EP STMICROELECTRONICS-STF25N60M2-EP Datasheet
335Kb / 14P
   N-channel 600 V, 0.175 廓 typ., 18 A MDmesh??M2 EP Power MOSFET in a TO-220FP package
January 2015 Rev 2
STF11N60M2-EP STMICROELECTRONICS-STF11N60M2-EP Datasheet
305Kb / 14P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
April 2018 Rev 4
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
   N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
June 2018 Rev 4
STB33N65M2 STMICROELECTRONICS-STB33N65M2 Datasheet
800Kb / 23P
   N-channel 650 V, 0.117 ??typ., 24 A MDmesh??M2 Power MOSFETs in D짼PAK, TO-220FP, TO-220 and I짼PAK packages
December 2014 Rev 1
STF20N65M5 STMICROELECTRONICS-STF20N65M5_V01 Datasheet
1Mb / 18P
   N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
March 2017
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
   N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
DS9714 - Rev 4 - November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com