công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STW10N105K5 bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STW10N105K5
Giải thích chi tiết về linh kiện  Ultra low gate charge
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW10N105K5 bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STW10N105K5 Datasheet HTML 1Page - STMicroelectronics STW10N105K5 Datasheet HTML 2Page - STMicroelectronics STW10N105K5 Datasheet HTML 3Page - STMicroelectronics STW10N105K5 Datasheet HTML 4Page - STMicroelectronics STW10N105K5 Datasheet HTML 5Page - STMicroelectronics STW10N105K5 Datasheet HTML 6Page - STMicroelectronics STW10N105K5 Datasheet HTML 7Page - STMicroelectronics STW10N105K5 Datasheet HTML 8Page - STMicroelectronics STW10N105K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STF10N105K5, STP10N105K5, STW10N105K5
4/18
DocID026932 Rev 2
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
ID = 1 mA, VGS = 0
1050
V
IDSS
Zero gate voltage,
drain current (VGS = 0)
VDS = 1050 V
1
µA
VDS = 1050 V,
TC = 125 °C
50
µA
IGSS
Gate-body leakage
current
VGS = ± 20 V; VDS = 0
10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source on- resistance
VGS = 10 V, ID = 3 A
1
1.3
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS =100 V,
f = 1 MHz,
VGS = 0
-
545
-
pF
Coss
Output capacitance
30
pF
Crss
Reverse transfer capacitance
1.3
pF
Co(tr)
(1)
Equivalent capacitance time related
VGS = 0, VDS = 0
to 840 V
65
pF
Co(er)
(2)
Equivalent capacitance energy
related
22
pF
RG
Intrinsic gate resistance
f = 1 MHz open
drain
7
Qg
Total gate charge
VDD = 840 V, ID = 6 A
VGS =10 V
21.5
nC
Qgs
Gate-source charge
3.3
nC
Qgd
Gate-drain charge
15.5
nC
Notes:
(1)
Time related is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS.
(2)
Energy related is defined as a constant equivalent capacitance giving the same stored energy as Coss when VDS
increases from 0 to 80% VDSS.
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 525 V, ID = 3 A,
RG = 4.7 Ω, VGS = 10 V
-
19
-
ns
tr
Rise time
8
ns
td(off)
Turn-off-delay time
50
ns
tf
Fall time
21.5
ns


Số phần tương tự - STW10N105K5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STW10N95K5 STMICROELECTRONICS-STW10N95K5 Datasheet
1Mb / 22P
   Switching applications
January 2014 Rev 3
STW10NA50 STMICROELECTRONICS-STW10NA50 Datasheet
243Kb / 11P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STW10NB60 STMICROELECTRONICS-STW10NB60 Datasheet
93Kb / 8P
   N - CHANNEL 600V - 0.69ohm - 10A - TO-247 PowerMESH MOSFET
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
   N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
STW10NC70Z STMICROELECTRONICS-STW10NC70Z Datasheet
249Kb / 8P
   N-CHANNEL 700V - 0.58 ohm - 10.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
More results

Mô tả tương tự - STW10N105K5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STF9N80K5 STMICROELECTRONICS-STF9N80K5 Datasheet
762Kb / 16P
   Ultra-low gate charge
November 2015 Rev 2
STD6N90K5 STMICROELECTRONICS-STD6N90K5 Datasheet
825Kb / 16P
   Ultra-low gate charge
November 2016 Rev 1
logo
Infineon Technologies A...
SPD06N60C3 INFINEON-SPD06N60C3_14 Datasheet
401Kb / 11P
   Ultra low gate charge
logo
STMicroelectronics
STF15N95K5 STMICROELECTRONICS-STF15N95K5 Datasheet
1Mb / 18P
   Ultra low gate charge
February 2014 Rev 2
STD5N95K5 STMICROELECTRONICS-STD5N95K5 Datasheet
1Mb / 26P
   Ultra-low gate charge
January 2017 Rev 4
STD7N90K5 STMICROELECTRONICS-STD7N90K5 Datasheet
817Kb / 16P
   Ultra-low gate charge
October 2016 Rev 1
STP7LN80K5 STMICROELECTRONICS-STP7LN80K5 Datasheet
719Kb / 13P
   Ultra-low gate charge
STF6N80K5 STMICROELECTRONICS-STF6N80K5 Datasheet
831Kb / 15P
   Ultra low gate charge
September 2016 Rev 4
STL7N80K5 STMICROELECTRONICS-STL7N80K5 Datasheet
956Kb / 17P
   Ultra low gate charge
November 2013 Rev 1
STL2N80K5 STMICROELECTRONICS-STL2N80K5 Datasheet
1Mb / 17P
   Ultra low gate charge
July 2014 Rev 2
STF7N80K5 STMICROELECTRONICS-STF7N80K5 Datasheet
689Kb / 14P
   Ultra low gate charge
October 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com