công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STD4N80K5 bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STD4N80K5
Giải thích chi tiết về linh kiện  N-channel 800 V, 2.1 ??typ., 3 A MDmesh??K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4N80K5 bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STD4N80K5 Datasheet HTML 1Page - STMicroelectronics STD4N80K5 Datasheet HTML 2Page - STMicroelectronics STD4N80K5 Datasheet HTML 3Page - STMicroelectronics STD4N80K5 Datasheet HTML 4Page - STMicroelectronics STD4N80K5 Datasheet HTML 5Page - STMicroelectronics STD4N80K5 Datasheet HTML 6Page - STMicroelectronics STD4N80K5 Datasheet HTML 7Page - STMicroelectronics STD4N80K5 Datasheet HTML 8Page - STMicroelectronics STD4N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DocID025105 Rev 3
5/23
STD4N80K5, STF4N80K5, STP4N80K5, STU4N80K5
Electrical characteristics
23
The built-in back-to-back Zener diodes have been specifically designed to enhance the ESD
capability of the device. The Zener voltage is appropriate for efficient and cost-effective
intervention to protect the device integrity. These integrated Zener diodes thus eliminate the
need for external components.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
Turn-on delay time
VDD = 400 V, ID = 1.5 A,
RG = 4.7 , VGS = 10 V
(see Figure 18)
-
16.5
-
ns
tr
Rise time
-
15
-
ns
td(off)
Turn-off-delay time
-
36
-
ns
tf
Fall time
-
21
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
ISD
Source-drain current
-
3
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
12
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 3 A, VGS = 0
-
1.5
V
trr
Reverse recovery time
ISD = 3 A, di/dt = 100 A/µs
VDD= 60 V
(see Figure 20)
-242
ns
Qrr
Reverse recovery charge
-
1.42
µC
IRRM
Reverse recovery current
-
12
A
trr
Reverse recovery time
ISD = 3 A, di/dt = 100 A/µs
VDD= 60 V TJ = 150 °C
(see Figure 20)
-373
ns
Qrr
Reverse recovery charge
-
1.98
µC
IRRM
Reverse recovery current
-
10.5
A
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
V(BR)GSO
Gate-source breakdown
voltage
IGS= ± 1 mA, ID=0
30
-
V


Số phần tương tự - STD4N80K5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
   N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY??MOSFET
STD4N25 STMICROELECTRONICS-STD4N25 Datasheet
142Kb / 10P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 2P
   N-channel 525 V, 2.5 A, 2.1typ., SuperMESH3 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2013 Rev 2
logo
VBsemi Electronics Co.,...
STD4N52K3 VBSEMI-STD4N52K3 Datasheet
1Mb / 9P
   Power MOSFET
More results

Mô tả tương tự - STD4N80K5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STD2N105K5 STMICROELECTRONICS-STD2N105K5 Datasheet
1Mb / 21P
   N-channel 1050 V, 6 廓 typ., 1.5 A MDmesh??K5 Power MOSFETs in DPAK, TO-220 and IPAK packages
November 2014 Rev 3
STD3NK80Z-1 STMICROELECTRONICS-STD3NK80Z-1_V01 Datasheet
1Mb / 29P
   N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
Rev 7 April 2017
STP3LN80K5 STMICROELECTRONICS-STP3LN80K5 Datasheet
804Kb / 15P
   N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in TO-220 and IPAK packages
June 2016
STD11N65M5 STMICROELECTRONICS-STD11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
STP7N105K5 STMICROELECTRONICS-STP7N105K5 Datasheet
989Kb / 18P
   N-channel 1050 V, 1.4 廓 typ., 4 A MDmesh??K5 Power MOSFETs in TO-220, IPAK and TO-247 packages
October 2016 Rev 2
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STF4LN80K5 STMICROELECTRONICS-STF4LN80K5 Datasheet
719Kb / 13P
   N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a TO-220FP package
May 2016
STP9N80K5 STMICROELECTRONICS-STP9N80K5 Datasheet
795Kb / 16P
   N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
July 2016
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STF14N80K5 STMICROELECTRONICS-STF14N80K5 Datasheet
766Kb / 16P
   N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in TO-220FP and I²PAKFP packages
December 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com