công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7443340470 bảng dữ liệu(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 7443340470
Giải thích chi tiết về linh kiện  WE-HCC SMD High Current Cube Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7443340470 bảng dữ liệu(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7443340470_15 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443340470_15 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443340470_15 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443340470_15 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443340470_15 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443340470_15 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2.0
1.0
REV
2015-05-21
2011-09-02
DATE
SSt
BD
BY
BD
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-HCC SMD High Current Cube Inductor
Order.- No.
7443340470
SIZE
A4
Size: 8070
A Dimensions: [mm]
Reference on drawing
Marking
Date code
Description
4R7 (Inductance Code)
YWW
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
Saturation current
DC Resistance
DC Resistance
Self resonant frequency
Test conditions
100 kHz/ 10 mA
∆T = 50 K
|ΔL/L| < 30%
@ 20°C
@ 20°C
L
IR
Isat
RDC
RDC
fres
Value
4.7
7.5
8.0
12.7
13.5
45
Unit
µH
A
A
MHz
Tol.
± 20%
max.
typ.
typ.
max.
typ.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
Ambient temperature: -40°C to +75°C (refering to IR)
Operating temperature: -40°C to +125°C
Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 7443340470_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7443340470 WURTH-7443340470 Datasheet
162Kb / 4P
   POWER-CHOKE WE-HCC 8070 (Ferrite)
More results

Mô tả tương tự - 7443340470_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
7443320047 WURTH-7443320047_15 Datasheet
1Mb / 6P
   WE-HCC SMD High Current Cube Inductor
7443320220 WURTH-7443320220_15 Datasheet
1Mb / 6P
   WE-HCC SMD High Current Cube Inductor
7443320680 WURTH-7443320680_15 Datasheet
1Mb / 6P
   WE-HCC SMD High Current Cube Inductor
7443330680 WURTH-7443330680_15 Datasheet
1Mb / 6P
   WE-HCC SMD High Current Cube Inductor
74436410470 WURTH-74436410470 Datasheet
359Kb / 5P
   WE-HCF SMD High Current Inductor
7843340068 WURTH-7843340068 Datasheet
482Kb / 7P
   WE-CHSA SMD High Current Inductor
7843340220 WURTH-7843340220 Datasheet
481Kb / 7P
   WE-CHSA SMD High Current Inductor
7843320068 WURTH-7843320068 Datasheet
482Kb / 7P
   WE-CHSA SMD High Current Inductor
7843330180 WURTH-7843330180 Datasheet
481Kb / 7P
   WE-CHSA SMD High Current Inductor
7843340100 WURTH-7843340100 Datasheet
482Kb / 7P
   WE-CHSA SMD High Current Inductor
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com