công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12D1620CCMLS bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC12D1620CCMLS
Giải thích chi tiết về linh kiện  12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1620CCMLS bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADC12D1620CCMLS Datasheet HTML 4Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 5Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 6Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 7Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 8Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 9Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 10Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 11Page - Texas Instruments ADC12D1620CCMLS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
GND
VA
100 k:
GND
VA
100 k:
GND
VA
100 k:
GND
VA
50 k:
GND
VA
8
ADC12D1620QML-SP
SNAS717 – APRIL 2017
www.ti.com
Product Folder Links: ADC12D1620QML-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions: Analog Front-End and Clock Pins (continued)
PIN
TYPE
DESCRIPTION
EQUIVALENT CIRCUIT
NAME
NO.
NDM
A5
I
Non-demuxed mode select. Setting this input to
logic-high causes the digital output bus to be in the
1:1 non-demuxed mode. Setting this input to logic-
low causes the digital output bus to be in the 1:2
demuxed mode. This feature is pin-controlled only
and remains active during both ECM and non-ECM.
PDI
PDQ
U3
V3
I
Power down I and Q channels. Setting either input
to logic-high powers down the respective I or Q
channel. Setting either input to logic-low brings the
respective I or Q channel to a operational state after
a finite time delay. This pin is active in both ECM
and non-ECM. In ECM, each pin is logically OR'd
with its respective bit. Therefore, either this pin or
the PDI and PDQ bits in the Configuration Register
(Addr: 0h; Bit: 11 and Bit: 10, respectively) can be
used to power down the I and Q channels.
RSV
W3
Reserved. This pin is used for internal purposes and
must be connected to GND through a 100-kΩ
resistor.
NONE
RSV1
E3
Decouple this pin with a 100-nF capacitor with a low
resistance, low inductance path to GND.
NONE
RSV2
F4
Decouple this pin with a 100-nF capacitor with a low
resistance, low inductance path to GND.
NONE
SCLK
C5
I
Serial clock. In ECM, serial data is shifted into and
out of the device synchronously to this clock signal.
This clock may be disabled and held logic-low, as
long as timing specifications are not violated when
the clock is enabled or disabled.
SCS
C4
I
Serial chip select. In ECM, when this signal is
asserted (logic-low), SCLK is used to clock in serial
data that is present on SDI and to source serial data
on SDO. When this signal is de-asserted (logic-
high), SDI is ignored and SDO is tri-state.
SDI
B4
I
Serial data-in. In ECM, serial data is shifted into the
device on this pin while SCS signal is asserted
(logic-low).


Số phần tương tự - ADC12D1620CCMLS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1620CCMLS TI-ADC12D1620CCMLS Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
More results

Mô tả tương tự - ADC12D1620CCMLS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1620QML-SP TI-ADC12D1620QML-SP_V01 Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
ADC12D1600QML TI-ADC12D1600QML Datasheet
809Kb / 67P
[Old version datasheet]   12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI-ADC12DJ5200RF_V01 Datasheet
7Mb / 207P
[Old version datasheet]   ADC12DJ5200RF 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700_V01 Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com