công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STF8N90K5 bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STF8N90K5
Giải thích chi tiết về linh kiện  N-channel 900 V, 0.60typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF8N90K5 bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STF8N90K5 Datasheet HTML 1Page - STMicroelectronics STF8N90K5 Datasheet HTML 2Page - STMicroelectronics STF8N90K5 Datasheet HTML 3Page - STMicroelectronics STF8N90K5 Datasheet HTML 4Page - STMicroelectronics STF8N90K5 Datasheet HTML 5Page - STMicroelectronics STF8N90K5 Datasheet HTML 6Page - STMicroelectronics STF8N90K5 Datasheet HTML 7Page - STMicroelectronics STF8N90K5 Datasheet HTML 8Page - STMicroelectronics STF8N90K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STF8N90K5
4/13
DocID030081 Rev 1
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 5: On/off-state
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
900
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 900 V
1
µA
VGS = 0 V, VDS = 900 V,
TC = 125 °C(1)
50
µA
IGSS
Gate body leakage current
VDS = 0 V, VGS = ±20 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 4 A
0.60
0.68
Notes:
(1)Defined by design, not subject to production test.
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0 V
-
426
-
pF
Coss
Output capacitance
-
41
-
pF
Crss
Reverse transfer capacitance
-
1.2
-
pF
Co(tr)(1)
Equivalent capacitance time
related
VDS = 0 to 720 V,
VGS = 0 V
-
75
-
pF
Co(er)(2)
Equivalent capacitance energy
related
-
28
-
pF
Rg
Intrinsic gate resistance
f = 1 MHz , ID= 0 A
-
7
-
Qg
Total gate charge
VDD = 720 V, ID = 8 A,
VGS= 10 V
(see Figure 15: "Test
circuit for gate charge
behavior")
-
11
-
nC
Qgs
Gate-source charge
-
3.5
-
nC
Qgd
Gate-drain charge
-
4.8
-
nC
Notes:
(1)Time related is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
(2)Energy related is defined as a constant equivalent capacitance giving the same stored energy as Coss when
VDS increases from 0 to 80% VDSS


Số phần tương tự - STF8N90K5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STF8N60DM2 STMICROELECTRONICS-STF8N60DM2 Datasheet
714Kb / 13P
   N-channel 600 V, 550 mΩ typ., 8 A MDmeshTM DM2 Power MOSFET in a TO-220FP package
November 2016 Rev 2
STF8N65M5 STMICROELECTRONICS-STF8N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.56 廓, 7 A MDmesh??V Power MOSFET
logo
Inchange Semiconductor ...
STF8N65M5 ISC-STF8N65M5 Datasheet
313Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF8N80K5 STMICROELECTRONICS-STF8N80K5 Datasheet
1Mb / 15P
   N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220FP
STF8NK100Z STMICROELECTRONICS-STF8NK100Z Datasheet
293Kb / 13P
   N-CHANNEL 1000V - 1.60OHM - 6.5A - TO-220 - TO-220FP Zener-Protected SuperMESH TM MOSFET
More results

Mô tả tương tự - STF8N90K5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STP8N90K5 STMICROELECTRONICS-STP8N90K5 Datasheet
707Kb / 13P
   N-channel 900 V, 0.60 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220 package
November 2016 Rev 1
STF4N90K5 STMICROELECTRONICS-STF4N90K5 Datasheet
726Kb / 13P
   N-channel 900 V, 1.90 廓 typ., 4 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 2
STF6N90K5 STMICROELECTRONICS-STF6N90K5 Datasheet
716Kb / 13P
   N-channel 900 V, 0.91 廓 typ., 6 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 1
STF7N90K5 STMICROELECTRONICS-STF7N90K5 Datasheet
712Kb / 13P
   N-channel 900 V, 0.72 廓 typ., 7 A MDmesh??K5 Power MOSFET in a TO-220FP package
October 2016 Rev 1
STF20N90K5 STMICROELECTRONICS-STF20N90K5 Datasheet
690Kb / 13P
   N-channel 900 V, 0.21 廓 typ., 20 A MDmesh??K5 Power MOSFET in a TO-220FP package
January 2017 Rev 3
STF10LN80K5 STMICROELECTRONICS-STF10LN80K5 Datasheet
714Kb / 14P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 3
STP7N90K5 STMICROELECTRONICS-STP7N90K5 Datasheet
729Kb / 13P
   N-channel 900 V, 0.72 廓 typ., 7 A MDmesh??K5 Power MOSFET in a TO-220 package
October 2016 Rev 1
STF7LN80K5 STMICROELECTRONICS-STF7LN80K5 Datasheet
709Kb / 13P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 1
STF23N80K5 STMICROELECTRONICS-STF23N80K5 Datasheet
714Kb / 13P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a TO-220FP package
August 2015 Rev 1
STP20N90K5 STMICROELECTRONICS-STP20N90K5 Datasheet
695Kb / 13P
   N-channel 900 V, 0.21 廓 typ., 20 A MDmesh??K5 Power MOSFET in a TO-220 package
January 2017 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com