công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-MKI163V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-MKI163V1
Giải thích chi tiết về linh kiện  RoHS compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI163V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-MKI163V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI163V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI163V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI163V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
September 2016
DocID027552 Rev 2
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-MKI163V1
LSM303C adapter board for a standard DIL24 socket
Data brief
Features
Complete LSM303C pinout for a standard
DIL24 socket
Fully compatible with STEVAL-MKI109V2
and STEVAL-MKI109V3 motherboards
RoHS compliant
Description
The STEVAL-MKI163V1 is an adapter board
designed to facilitate the evaluation of MEMS
inertial devices in the LSM303C product family.
The board offers an effective solution for fast
system prototyping and device evaluation directly
within the user’s own application.The STEVAL-
MKI163V1 can be plugged into a standard DIL24
socket. The adapter provides the complete
LSM303C pinout and comes ready to use with
the required decoupling capacitors on the VDD
power supply line.
This adapter is supported by the STEVAL-
MKI109V2 and STEVAL-MKI109V3
motherboards which include a high performance
32-bit microcontroller functioning as a bridge
between the sensor and a PC, on which it is
possible to use the downloadable graphical user
interface (Unico GUI), or dedicated software
routines for customized applications.


Số phần tương tự - STEVAL-MKI163V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-MKI160V1 STMICROELECTRONICS-STEVAL-MKI160V1 Datasheet
215Kb / 4P
   RoHS compliant
September 2016 Rev 3
STEVAL-MKI161V1 STMICROELECTRONICS-STEVAL-MKI161V1 Datasheet
240Kb / 4P
   RoHS compliant
September 2016 Rev 2
STEVAL-MKI164V1 STMICROELECTRONICS-STEVAL-MKI164V1 Datasheet
283Kb / 4P
   RoHS compliant
September 2016 Rev 2
STEVAL-MKI165V1 STMICROELECTRONICS-STEVAL-MKI165V1 Datasheet
233Kb / 4P
   RoHS compliant
December 2014 Rev 1
STEVAL-MKI168V1 STMICROELECTRONICS-STEVAL-MKI168V1 Datasheet
244Kb / 4P
   IIS2DH adapter board for a standard DIL 24 socket
February 2016 Rev 1
More results

Mô tả tương tự - STEVAL-MKI163V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com