công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8578S bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8578S
Giải thích chi tiết về linh kiện  14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8578S bảng dữ liệu(HTML) 5 Page - Texas Instruments

  ADS8578S Datasheet HTML 1Page - Texas Instruments ADS8578S Datasheet HTML 2Page - Texas Instruments ADS8578S Datasheet HTML 3Page - Texas Instruments ADS8578S Datasheet HTML 4Page - Texas Instruments ADS8578S Datasheet HTML 5Page - Texas Instruments ADS8578S Datasheet HTML 6Page - Texas Instruments ADS8578S Datasheet HTML 7Page - Texas Instruments ADS8578S Datasheet HTML 8Page - Texas Instruments ADS8578S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
5
ADS8578S
www.ti.com
SBAS825 – APRIL 2017
Product Folder Links: ADS8578S
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
NAME
NO.
TYPE(1)
DESCRIPTION
DB15/BYTE SEL
33
DIO
Multifunction logic input or output pin (see the DB15/BYTE SEL section):
this pin is ADC data output bit 13 (MSB) in parallel interface mode, and is an active high control
input pin to enable parallel byte interface mode.
DVDD
23
P
Digital supply pin; decouple with AGND on pin 26
FRSTDATA
15
DO
Active high digital output indicating data read back from channel 1 of the device (see the
FRSTDATA (Output) section)
OS0
3
DI
Oversampling mode control pin (see the Oversampling Mode of Operation section)
OS1
4
DI
Oversampling mode control pin (see the Oversampling Mode of Operation section)
OS2
5
DI
Oversampling mode control pin (see the Oversampling Mode of Operation section)
PAR/SER/BYTE SEL
6
DI
Logic input pin to select between parallel, serial, or parallel byte interface mode (see the Data
Read Operation section)
RANGE
8
DI
Multifunction logic input pin (see the RANGE (Input) section):
when the STBY pin is high, this pin selects the input range of the device (±10 V or ±5 V); when the
STBY pin is low, this pin selects between the standby and shutdown modes.
RD/SCLK
12
DI
Multifunction logic input pin (see the RD/SCLK (Input) section):
this pin is an active-low ready input pin in parallel and parallel byte interface, and is a clock input
pin in serial interface mode.
REFCAPA
44
AO
Reference amplifier output pin. This pin must be shorted to REFCAPB and decoupled to AGND
using a low equivalent series resistance (ESR), 10-µF ceramic capacitor.
REFCAPB
45
AO
Reference amplifier output pin. This pin must be shorted to REFCAPA and decoupled to AGND
using a low ESR, 10-µF ceramic capacitor.
REFGND
43, 46
P
Reference GND pin. This pin must be shorted to the analog GND plane and decoupled with
REFIN/REFOUT on pin 42 using a 10-µF capacitor.
REFIN/REFOUT
42
AIO
This pin acts as an internal reference output when REFSEL is high;
this pin functions as input pin for the external reference when REFSEL is low; decouple with
REFGND on pin 43 using a 10-µF capacitor.
REFSEL
34
DI
Active high logic input to enable the internal reference (see the REFSEL (Input) section)
REGCAP1
36
AO
Output pin 1 for the internal voltage regulator; decouple separately to AGND using a 1-µF
capacitor
REGCAP2
39
AO
Output pin 2 for the internal voltage regulator; decouple separately to AGND using a 1-µF
capacitor
RESET
11
DI
Active high logic input to reset the device digital logic (see the RESET (Input) section)
STBY
7
DI
Active low logic input to enter the device into one of the two power-down modes: standby or
shutdown (see the Power-Down Modes section)
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Transient currents of up to 100 mA do not cause SCR latch-up.
7 Specifications
7.1 Absolute Maximum Ratings
at TA = 25°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
AVDD to AGND
–0.3
7.0
V
DVDD to AGND
–0.3
7.0
V
Analog input voltage to AGND(2)
–15
15
V
Digital input to AGND
–0.3
DVDD + 0.3
V
REFIN to AGND
–0.3
AVDD + 0.3
V
Input current to any pin except supplies(2)
–10
10
mA
Temperature
Operating
–40
125
°C
Junction, TJ
150
Storage, Tstg
–65
150


Số phần tương tự - ADS8578S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS850 TI-ADS850 Datasheet
304Kb / 15P
[Old version datasheet]   14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
ADS850 TI1-ADS850 Datasheet
851Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8504IB BURR-BROWN-ADS8504IB Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8504IBDW BURR-BROWN-ADS8504IBDW Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8578S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8598S TI1-ADS8598S Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598H TI1-ADS8598H Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
logo
Analog Devices
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
logo
Texas Instruments
ADS8588S TI1-ADS8588S Datasheet
2Mb / 63P
[Old version datasheet]   16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
logo
Analog Devices
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com