công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC128S102MDR bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC128S102MDR
Giải thích chi tiết về linh kiện  Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102MDR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADC128S102MDR Datasheet HTML 1Page - Texas Instruments ADC128S102MDR Datasheet HTML 2Page - Texas Instruments ADC128S102MDR Datasheet HTML 3Page - Texas Instruments ADC128S102MDR Datasheet HTML 4Page - Texas Instruments ADC128S102MDR Datasheet HTML 5Page - Texas Instruments ADC128S102MDR Datasheet HTML 6Page - Texas Instruments ADC128S102MDR Datasheet HTML 7Page - Texas Instruments ADC128S102MDR Datasheet HTML 8Page - Texas Instruments ADC128S102MDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
1
CS
16
SCLK
2
VA
15
DOUT
3
AGND
14
DIN
4
IN0
13
VD
5
IN1
12
DGND
6
IN2
11
IN7
7
IN3
10
IN6
8
IN4
9
IN5
Not to scale
4
ADC128S102QML-SP
SNAS411P – AUGUST 2008 – REVISED APRIL 2017
www.ti.com
Product Folder Links: ADC128S102QML-SP
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
NAC Package
16-Pin CFP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
ANALOG I/O
IN0 to IN7
4
Input
(Analog)
Analog inputs. These signals can range from 0 V to VREF.
5
6
7
8
9
10
11
DIGITAL I/O
CS
1
Input
(Digital)
Chip select. On the falling edge of CS, a conversion process begins. Conversions
continue as long as CS is held low.
DIN
14
Input
(Digital)
Digital data input. The ADC128S102QML-SP's Control Register is loaded through this
pin on rising edges of the SCLK pin.
DOUT
15
Output
(Digital)
Digital data output. The output samples are clocked out of this pin on the falling edges
of the SCLK pin.
SCLK
16
Input
(Digital)
Digital clock input. The specified performance range of frequencies for this input is 0.8
MHz to 16 MHz. This clock directly controls the conversion and readout processes.
POWER SUPPLY
AGND
3
Ground
The ground return for the analog supply and signals.
DGND
12
Ground
The ground return for the digital supply and signals.
VA
2
Supply
Positive analog supply pin. This voltage is also used as the reference voltage. This
pin should be connected to a quiet 2.7 V to 5.25 V source and bypassed to GND with
1-µF and 0.1-µF monolithic ceramic capacitors located within 1 cm of the power pin.
VD
13
Supply
Positive digital supply pin. This pin should be connected to a 2.7 V to VA supply, and
bypassed to GND with a 0.1-µF monolithic ceramic capacitor located within 1 cm of
the power pin.


Số phần tương tự - ADC128S102MDR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S102MDR TI1-ADC128S102MDR Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
ADC128S102MDR TI1-ADC128S102MDR Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results

Mô tả tương tự - ADC128S102MDR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_17 Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S102-SEP TI-ADC128S102-SEP_V01 Datasheet
1Mb / 32P
[Old version datasheet]   ADC128S102-SEP Radiation-Tolerant, 8-Channel, 50-kSPS to 1-MSPS, 12-Bit ADC
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com