công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC128S102WRQV bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC128S102WRQV
Giải thích chi tiết về linh kiện  Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102WRQV bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADC128S102WRQV Datasheet HTML 4Page - Texas Instruments ADC128S102WRQV Datasheet HTML 5Page - Texas Instruments ADC128S102WRQV Datasheet HTML 6Page - Texas Instruments ADC128S102WRQV Datasheet HTML 7Page - Texas Instruments ADC128S102WRQV Datasheet HTML 8Page - Texas Instruments ADC128S102WRQV Datasheet HTML 9Page - Texas Instruments ADC128S102WRQV Datasheet HTML 10Page - Texas Instruments ADC128S102WRQV Datasheet HTML 11Page - Texas Instruments ADC128S102WRQV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
ADC128S102QML-SP
SNAS411P – AUGUST 2008 – REVISED APRIL 2017
www.ti.com
Product Folder Links: ADC128S102QML-SP
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
Electrical Characteristics: ADC128S102QML-SP Converter (continued)
The following specifications apply for AGND = DGND = 0V, fSCLK = 0.8 MHz to 16 MHz, fSAMPLE = 50 kSPS to 1 MSPS, CL =
50pF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
SUBGROUP
MIN
TYP(1)
MAX
UNIT
PC
Power consumption,
normal mode ( CS low)
VA = VD = 3 V
fSAMPLE = 1 MSPS, fIN = 40 kHz
[1, 2, 3]
2.7
4.5
mW
VA = VD = 5 V
fSAMPLE = 1 MSPS, fIN = 40 kHz
[1, 2, 3]
11.0
15.5
mW
Power consumption,
shutdown mode (CS high)
VA = VD = 3 V
fSCLK = 0 kSPS
[1, 2, 3]
0.33
3
µW
VA = VD = 5 V
fSCLK = 0 kSPS
[1, 2, 3]
0.6
7
µW
AC ELECTRICAL CHARACTERISTICS
fSCLK
MIN
Minimum clock frequency
VA = VD = 2.7 V to 5.25 V
[9, 10, 11]
0.8
MHz
fSCLK
Maximum clock frequency
VA = VD = 2.7 V to 5.25 V
[9, 10, 11]
16
MHz
fS
Sample rate continuous
mode
VA = VD = 2.7 V to 5.25 V
[9, 10, 11]
50
kSPS
[9, 10, 11]
1
MSPS
tCONVE
RT
Conversion (hold) time
VA = VD = 2.7 V to 5.25 V
[9, 10, 11]
13
SCLK
cycles
DC
SCLK duty cycle
VA = VD = 2.7 V to 5.25
V
MIN
40%
MAX
60%
tACQ
Acquisition (track) time
VA = VD = 2.7 V to 5.25 V
[9, 10, 11]
3
SCLK
cycles
Throughput time
Acquisition time + conversion time
VA = VD = 2.7 V to 5.25 V
[9, 10, 11]
16
SCLK
cycles
tAD
Aperture delay
VA = VD = 2.7 V to 5.25 V
4
ns
(1)
Pre and post irradiation limits are identical to those listed in the DC Parameters and AC and Timing Characteristics, except as listed in
Electrical Characteristics: Radiation. When performing post irradiation electrical measurements for any RHA level, TA = 25°C.
6.6 Electrical Characteristics: Radiation
The following specifications apply for VA = VD = 2.7 V to 5.25 V, AGND = DGND = 0 V, fSCLK = 0.8 MHz to 16 MHz, fSAMPLE =
50 kSPS to 1 MSPS, and CL = 50 pF.
(1)
PARAMETER
TEST CONDITIONS
SUBGROUP
MIN
TYP
MAX
UNIT
IA + ID
Total supply current shutdown mode
(CS high)
VA = VD = 2.7 V to 3.6 V,
fSCLK = 0 kSPS
[1]
30
µA
VA = VD = 4.75 V to 5.25 V,
fSCLK = 0 kSPS
[1]
100
µA
IOZH, IOZL
Hi-impedance output leakage current
VA = VD = 2.7 V to 5.25 V
[1]
±10
µA


Số phần tương tự - ADC128S102WRQV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S102WRQV TI1-ADC128S102WRQV Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102WRQV TI1-ADC128S102WRQV Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
ADC128S102WRQV TI1-ADC128S102WRQV Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results

Mô tả tương tự - ADC128S102WRQV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_17 Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S102-SEP TI-ADC128S102-SEP_V01 Datasheet
1Mb / 32P
[Old version datasheet]   ADC128S102-SEP Radiation-Tolerant, 8-Channel, 50-kSPS to 1-MSPS, 12-Bit ADC
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com