công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC128S102WGRQV bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC128S102WGRQV
Giải thích chi tiết về linh kiện  Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102WGRQV bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADC128S102WGRQV Datasheet HTML 5Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 6Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 7Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 8Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 9Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 10Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 11Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 12Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
ADC128S102QML-SP
www.ti.com
SNAS411P – AUGUST 2008 – REVISED APRIL 2017
Product Folder Links: ADC128S102QML-SP
Submit Documentation Feedback
Copyright © 2008–2017, Texas Instruments Incorporated
(1)
This is worse case drift, Deltas are performed at room temperature post operational life. All other parameters, no deltas are required.
6.7 Electrical Characteristics: Burn in Delta Parameters - TA at 25°C
The following specifications apply for VA = VD = 2.7 V to 5.25 V, AGND = DGND = 0 V, fSCLK = 0.8 MHz to 16 MHz, fSAMPLE =
50 kSPS to 1 MSPS, and CL = 50 pF.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INL
Integral non-linearity
VA = VD = 3 V
–0.5
0.106
0.5
LSB
VA = VD = 5 V
–0.35
0.016
0.35
LSB
IMD
Intermodulation distortion,
second order terms
VA = VD = 3 V
–14
1.35
14
dB
VA = VD = 5 V
–17
1.67
17
dB
IMD
Intermodulation distortion, third
order terms
VA = VD = 3 V
–10
0.47
10
dB
VA = VD = 5 V
–10
0.9
10
dB
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms.
(2)
Clock may be in any state (high or low) when CS goes high. Setup and hold time restrictions apply only to CS going low.
6.8 Timing Requirements
The following specifications apply for VA = VD = 2.7 V to 5.25 V, AGND = DGND = 0 V, fSCLK = 0.8 MHz to 16 MHz, fSAMPLE =
50 kSPS to 1 MSPS, and CL = 50 pF.
SUBGROUP
MIN
NOM(1)
MAX
UNIT
tCSH
CS hold time after SCLK rising
edge
See (2)
[9, 10, 11]
10
0
ns
tCSS
CS setup time prior to SCLK
rising edge
See (2)
[9, 10, 11]
10
4.5
ns
tEN
CS falling edge to DOUT enabled
[9, 10, 11]
5
30
ns
tDACC
DOUT access time after SCLK falling edge
[9, 10, 11]
17
27
ns
tDHLD
DOUT hold time after SCLK falling edge
[9, 10, 11]
7
ns
tDS
DIN setup time prior to SCLK rising edge
[9, 10, 11]
10
ns
tDH
DIN hold time after SCLK rising edge
[9, 10, 11]
10
ns
tCH
SCLK high time
0.4 × tSCLK
ns
tCL
SCLK low time
0.4 × tSCLK
ns
tDIS
CS rising edge to DOUT high-
impedance
DOUT falling
[9, 10, 11]
2.4
20
ns
DOUT rising
[9, 10, 11]
0.9
20
ns
(1)
MIL-STD-883, Method 5005 - Group A
Table 1. Quality Conformance Inspection(1)
SUBGROUP
DESCRIPTION
TEMP (°C)
1
Static tests at
25
2
Static tests at
125
3
Static tests at
–55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
–55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
–55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
–55
12
Setting time at
25
13
Setting time at
125
14
Setting time at
–55


Số phần tương tự - ADC128S102WGRQV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC128S102WGRQV NSC-ADC128S102WGRQV Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102WGRQV TI1-ADC128S102WGRQV Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102WGRQV TI1-ADC128S102WGRQV Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
ADC128S102WGRQV TI1-ADC128S102WGRQV Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results

Mô tả tương tự - ADC128S102WGRQV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_17 Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S102-SEP TI-ADC128S102-SEP_V01 Datasheet
1Mb / 32P
[Old version datasheet]   ADC128S102-SEP Radiation-Tolerant, 8-Channel, 50-kSPS to 1-MSPS, 12-Bit ADC
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com