công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10EP451FA bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC10EP451FA
Giải thích chi tiết về linh kiện  3.3V / 5VECL 6-Bit Differential Register with Master Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP451FA bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC10EP451FA Datasheet HTML 1Page - ON Semiconductor MC10EP451FA Datasheet HTML 2Page - ON Semiconductor MC10EP451FA Datasheet HTML 3Page - ON Semiconductor MC10EP451FA Datasheet HTML 4Page - ON Semiconductor MC10EP451FA Datasheet HTML 5Page - ON Semiconductor MC10EP451FA Datasheet HTML 6Page - ON Semiconductor MC10EP451FA Datasheet HTML 7Page - ON Semiconductor MC10EP451FA Datasheet HTML 8Page - ON Semiconductor MC10EP451FA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC10EP451, MC100EP451
http://onsemi.com
2
Q1
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2345678
24
23
22
21
20
19
18
17
16
Q1
Q2
Q2
VCC
Q3
Q3
VCC
D1
D2
D2
MR
VEE
D3
D3
D4
Q0
Q0
VCC
CLK
CLK
D0
D1
Q4
Q4
VEE
Q5
Q5
D5
D4
D5
D0
PIN
D [0:5]*, D [0:5]*
ECL Differential Data Inputs
FUNCTION
MR*
CLK*, CLK*
ECL Differential Clock Inputs
ECL Master Reset Input
ECL Differential Data Outputs
VCC
Positive Supply
VEE
Negative Supply
Figure 1. LQFP−32 Pinout (Top View)
Warning: All VCC and VEE pins must be externally connected to Power
Supply to guarantee proper operation.
Figure 2. Logic Diagram
Q [0:5], Q [0:5]
D
Q
R
D
Q
R
D
Q
R
D
Q
R
D
Q
R
D
Q
R
MR
CLK
CLK
D5
D5
D4
D4
D3
D3
D2
D2
D1
D1
D0
D0
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Q5
Q5
MC10EP451
MC100EP451
* Pins will default LOW when left open.
VEE
Table 1. PIN DESCRIPTION
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 k
W
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 200 V
> 2 kV
Moisture Sensitivity (Note 1)
Level 2
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
919 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Số phần tương tự - MC10EP451FA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EP451FA ONSEMI-MC10EP451FA Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451FAG ONSEMI-MC10EP451FAG Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451FAG ONSEMI-MC10EP451FAG Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10EP451FAR2 ONSEMI-MC10EP451FAR2 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451FAR2G ONSEMI-MC10EP451FAR2G Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
More results

Mô tả tương tự - MC10EP451FA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
SY10EP451L MICREL-SY10EP451L Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
SY10EP451L_0705 MICREL-SY10EP451L_0705 Datasheet
443Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
logo
ON Semiconductor
MC10EP451 ONSEMI-MC10EP451_06 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10EP56 ONSEMI-MC10EP56 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
List of Unclassifed Man...
QS74FCT2X2273T ETC1-QS74FCT2X2273T Datasheet
322Kb / 7P
   16-BIT REGISTER WITH ASYNCHRONOUS RESET
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC100EP33 ONSEMI-MC100EP33 Datasheet
79Kb / 12P
   3.3V 5VECL / 4 Divider
September, 2002 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com