công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10EP451FA bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện MC10EP451FA
Giải thích chi tiết về linh kiện  3.3V / 5VECL 6-Bit Differential Register with Master Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP451FA bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button MC10EP451FA Datasheet HTML 2Page - ON Semiconductor MC10EP451FA Datasheet HTML 3Page - ON Semiconductor MC10EP451FA Datasheet HTML 4Page - ON Semiconductor MC10EP451FA Datasheet HTML 5Page - ON Semiconductor MC10EP451FA Datasheet HTML 6Page - ON Semiconductor MC10EP451FA Datasheet HTML 7Page - ON Semiconductor MC10EP451FA Datasheet HTML 8Page - ON Semiconductor MC10EP451FA Datasheet HTML 9Page - ON Semiconductor MC10EP451FA Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MC10EP451, MC100EP451
http://onsemi.com
9
PACKAGE DIMENSIONS
LQFP−32
FA SUFFIX
CASE 873A−02
ISSUE B
DETAIL Y
A
S1
V
B
1
8
9
17
25
32
AE
AE
P
DETAIL Y
BASE
N
J
D
F
METAL
SECTION AE−AE
G
SEATING
PLANE
R
Q
_
W
K
X
E
C
H
DETAIL AD
DETAIL AD
A1
B1
V1
4X
S
4X
9
−T−
−Z−
−U−
T−U
0.20 (0.008)
Z
AC
T−U
0.20 (0.008)
Z
AB
0.10 (0.004) AC
−AC−
−AB−
M
_
8X
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION:
MILLIMETER.
3. DATUM PLANE −AB− IS LOCATED AT
BOTTOM OF LEAD AND IS COINCIDENT
WITH THE LEAD WHERE THE LEAD
EXITS THE PLASTIC BODY AT THE
BOTTOM OF THE PARTING LINE.
4. DATUMS −T−, −U−, AND −Z− TO BE
DETERMINED AT DATUM PLANE −AB−.
5. DIMENSIONS S AND V TO BE
DETERMINED AT SEATING PLANE −AC−.
6. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION. ALLOWABLE
PROTRUSION IS 0.250 (0.010) PER SIDE.
DIMENSIONS A AND B DO INCLUDE
MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE −AB−.
7. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. DAMBAR
PROTRUSION SHALL NOT CAUSE THE
D DIMENSION TO EXCEED 0.520 (0.020).
8. MINIMUM SOLDER PLATE THICKNESS
SHALL BE 0.0076 (0.0003).
9. EXACT SHAPE OF EACH CORNER MAY
VARY FROM DEPICTION.
DIM
A
MIN
MAX
MIN
MAX
INCHES
7.000 BSC
0.276 BSC
MILLIMETERS
B
7.000 BSC
0.276 BSC
C
1.400
1.600
0.055
0.063
D
0.300
0.450
0.012
0.018
E
1.350
1.450
0.053
0.057
F
0.300
0.400
0.012
0.016
G
0.800 BSC
0.031 BSC
H
0.050
0.150
0.002
0.006
J
0.090
0.200
0.004
0.008
K
0.500
0.700
0.020
0.028
M
12 REF
12 REF
N
0.090
0.160
0.004
0.006
P
0.400 BSC
0.016 BSC
Q
1
5
1
5
R
0.150
0.250
0.006
0.010
V
9.000 BSC
0.354 BSC
V1
4.500 BSC
0.177 BSC
__
__
_
_
B1
3.500 BSC
0.138 BSC
A1
3.500 BSC
0.138 BSC
S
9.000 BSC
0.354 BSC
S1
4.500 BSC
0.177 BSC
W
0.200 REF
0.008 REF
X
1.000 REF
0.039 REF


Số phần tương tự - MC10EP451FA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10EP451FA ONSEMI-MC10EP451FA Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451FAG ONSEMI-MC10EP451FAG Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451FAG ONSEMI-MC10EP451FAG Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10EP451FAR2 ONSEMI-MC10EP451FAR2 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451FAR2G ONSEMI-MC10EP451FAR2G Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
More results

Mô tả tương tự - MC10EP451FA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micrel Semiconductor
SY10EP451L MICREL-SY10EP451L Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
SY10EP451L_0705 MICREL-SY10EP451L_0705 Datasheet
443Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
logo
ON Semiconductor
MC10EP451 ONSEMI-MC10EP451_06 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10EP56 ONSEMI-MC10EP56 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
List of Unclassifed Man...
QS74FCT2X2273T ETC1-QS74FCT2X2273T Datasheet
322Kb / 7P
   16-BIT REGISTER WITH ASYNCHRONOUS RESET
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC100EP33 ONSEMI-MC100EP33 Datasheet
79Kb / 12P
   3.3V 5VECL / 4 Divider
September, 2002 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com