công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STEVAL-MKI126V2 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
STEVAL-MKI126V2 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
1 / 8 page For further information contact your local STMicroelectronics sales office. November 2013 DocID025251 Rev 1 1/8 STEVAL-MKI126V2 MEMS microphone system evaluation board based on the STA321MPL and MP34DB01 Data brief Features • 2 MP34DB01 MEMS microphones • Capable of driving up to 6 digital MEMS microphones • 3 independent I2S outputs • Up to 10 independent 32-bit user programmable biquads per channel • Fully configurable with: – STEVAL-MKI29V1/V2/V3 – STEVAL-MKI131V1/V2/V3 –STEVAL-MKI116V1 – STEVAL-MKI117V1/V2 – STEVAL-CCA035V1 • Controllable via APWorkbench software suite • RoHS compliant Description The STEVAL-MKI126V2 system evaluation board can connect up to six microphones using the sockets provided or through a dedicated six- microphone array. The digital interface of the device allows interfacing the MIC output to the most widely used audio receivers and digital amplifiers or simple evaluation of the MIC using generic audio measurement equipment. The filtered PWM signals allow the connection of a headset to listen to the audio received through the microphones. The fully digital path ensures a high level of processing with sound preconditioning, filtering and voice enhancement. The main purpose of the STEVAL-MKI126V2 is to convert the PDM signals provided by the microphones into the more common I2S and PWM signals. The I2S signal is routed both on general and interface connectors, while the suitably-filtered PWM signals provide an analog interface. Mounted on the STEVAL-MKI126V2 are two MP34DB01 microphones and an STA321MPL processor. www.st.com |
Số phần tương tự - STEVAL-MKI126V2 |
|
Mô tả tương tự - STEVAL-MKI126V2 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |