công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-LDO001V1 bảng dữ liệu(PDF) 3 Page - STMicroelectronics

tên linh kiện STEVAL-LDO001V1
Giải thích chi tiết về linh kiện  Wireless sensor networks
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-LDO001V1 bảng dữ liệu(HTML) 3 Page - STMicroelectronics

  STEVAL-LDO001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-LDO001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-LDO001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-LDO001V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-LDO001V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-LDO001V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-LDO001V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STEVAL-LDO001V1
Key parameters
DocID030374 Rev 1
3/7
LD39130S
Input voltage from 1.4 V to 5.5 V
Ultra-low dropout voltage (300 mV typ. at 300 mA load)
Automatic green mode
Very low quiescent current: 1 μA in green mode, 45 μA in normal mode and 0.1
μA typ. in off mode
Output voltage tolerance: ±1.0 % at 25 °C
300 mA guaranteed output current
Wide range of output voltages available on request: adjustable from 0.8 V, fixed
up to 4.0 V in 100 mV step
Logic-controlled electronic shutdown
Internal soft-start
Compatible with ceramic capacitor (COUT = 330 nF)
Internal current foldback and thermal protections
Available in DFN6L 1.2 x 1.3 mm and Flip-chip 4 bumps 0.69 x 0.69 mm. 0.4
pitch
Operating temperature range: -40 °C to 125 °C
STLQ020 (under development)
Operating input voltage range: 2 V to 5.5 V
Output current up to 200 mA
Ultra-
low quiescent current: 400 nA at no load; 100 μA at 200 mA load
Controlled Iq in dropout condition
Very low dropout voltage: 160 mV at 200 mA
Output voltage accuracy: 2% at room temp.; 3% in full temp. range
Output voltage versions: from 0.8 V to 4.5 V, with 50 mV step and adjustable
Logic-controlled electronic shutdown
Output discharge feature (optional)
Internal overcurrent and thermal protections
Temperature range: from -40 °C to +125 °C
Packages: DFN6 - 2 x 2 mm, SOT323-
5L, Flipchip4 0.8 x 0.8 mm, STSTAMP™


Số phần tương tự - STEVAL-LDO001V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-L3751V12 STMICROELECTRONICS-STEVAL-L3751V12 Datasheet
13Mb / 6P
   75 V 15 A DC-DC converter buck regulator evaluation board with L3751 controller
Rev 1 - August 2022
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
STEVAL-LLL001V1 STMICROELECTRONICS-STEVAL-LLL001V1 Datasheet
527Kb / 5P
   RoHS compliant
November 2016 Rev 2
STEVAL-LLL005V1 STMICROELECTRONICS-STEVAL-LLL005V1 Datasheet
366Kb / 6P
   60 LED (6 x 10) cost-effective matrix display based on STP16CPC26 with Bluetooth low energy and Android app
Rev 1 - January 2018
More results

Mô tả tương tự - STEVAL-LDO001V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Laird Tech Smart Techno...
PAV69278I LSTD-PAV69278I Datasheet
821Kb / 3P
   in-building wireless networks
PAV69278PI LSTD-PAV69278PI Datasheet
261Kb / 3P
   In?륿uilding Wireless Networks
logo
List of Unclassifed Man...
RT3070 ETC1-RT3070 Datasheet
1Mb / 60P
   IEEE802.11 b/g/n Wireless Local Area Networks
logo
Melexis Microelectronic...
MLX90129 MELEXIS-MLX90129 Datasheet
35Kb / 1P
   13,56MHz Wireless Sensor Tag
logo
Keysight Technologies
N6841ARF KEYSIGHT-N6841ARF Datasheet
4Mb / 19P
   RF Sensor for Signal Monitoring Networks
logo
Dorji Industrial Group ...
DRF5150S DORJI-DRF5150S Datasheet
251Kb / 10P
   Wireless Sensor Transmitter Module
logo
List of Unclassifed Man...
TGP-751 ETC2-TGP-751 Datasheet
1Mb / 35P
   ThermoHarvesting Wireless Sensor System
logo
ON Semiconductor
SPS1M001 ONSEMI-SPS1M001 Datasheet
94Kb / 6P
   Battery Free Wireless Sensor
February, 2018 ??Rev. P3
logo
National Instruments Co...
WSN-3280 NI-WSN-3280 Datasheet
811Kb / 4P
   Wireless Sensor Network Accessories
logo
Keysight Technologies
N6841A KEYSIGHT-N6841A Datasheet
4Mb / 19P
   N6841A RF Sensor for Signal Monitoring Networks
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com