công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-ISV013V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-ISV013V1
Giải thích chi tiết về linh kiện  250 W DC-DC solar module demonstration board for distributed photovoltaic architecture
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISV013V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-ISV013V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISV013V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISV013V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISV013V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISV013V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
September 2011
Doc ID 022189 Rev 1
1/5
5
STEVAL-ISV013V1
250 W DC-DC solar module demonstration board
for distributed photovoltaic architecture
Features
Input voltage range from 10 V to 45 V
Output voltage range from 350 V to 430 V
Digital control section managed by the STM32
Several I/O connectors to be connected to the
photovoltaic panel (input side) and the inverter
(output side)
Ready to be connected to a PLM or ZigBee®
external module for communication
Possibility to meter and monitor the status of
the panel
Fire and anti-theft protections
RoHS compliant
Description
The STEVAL-ISV013V1 demonstration board is a
fully integrated module designed for a smart
junction box in distributed photovoltaic
architecture. The module represents an easy-to-
use, fully-protected solution to implement precise
photovoltaic panel control, diagnostics and
protection.
The STEVAL-ISV013V1 demonstration board is
the base element for a new photovoltaic panel
configuration able to increase the panel energy
produced and to simplify the photovoltaic field
design and implementation. Furthermore, the
maintenance cost will be reduced as the device is
able to monitor the status of the individual panels
and to communicate these data to a remote
control unit. The STEVAL-ISV013V1
demonstration board uses an isolated converter,
which is the input of the panel output. This voltage
is stepped up to the voltage defined by the
inverter, needed to create a sinusoidal output with
a magnitude big enough to transfer energy to the
grid.
The module features an embedded MPPT
(maximum power point tracking) algorithm based
on the “perturb and observe” (P&O) technique to
search for the best operating point of the panel in
order to maximize the energy produced in every
environmental condition.
The module is internally protected from a surge or
lightning reaching the connection wires.
The STEVAL-ISV013V1 demonstration board
includes a PLM or ZigBee® module for
communication. The PLM is supported by a
proprietary protocol stack for networking. A
gateway to RS485 in modbus is available. The
unit is designed to operate in a harsh
environment, offering a high level of protection
and very high reliability.
The ZigBee® module is based on system-on-chip
(SoC) technology, integrating both IEEE 802.15.4
radio transceiver and computing capabilities and
is designed to run a fully compliant ZigBee® PRO
network protocol stack.
STEVAL-ISV013V1
STEVAL-ISV013V1
www.st.com


Số phần tương tự - STEVAL-ISV013V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ISV012V1 STMICROELECTRONICS-STEVAL-ISV012V1 Datasheet
136Kb / 7P
   Up to 5 W solar battery charger for single-cell Li-ion and Li-Pol batteries based on the SPV1040 and L6924D
STEVAL-ISV018V1 STMICROELECTRONICS-STEVAL-ISV018V1 Datasheet
260Kb / 4P
   300 W PV converter to be integrated into a photovoltaic panel based on SPV1020 and bypass diodes SPV1001N30 and SPV1001N40
STEVAL-ISV019V1 STMICROELECTRONICS-STEVAL-ISV019V1 Datasheet
328Kb / 9P
   Evaluation board for SPV1050 ULP energy harvester and battery
November 2014 Rev 3
More results

Mô tả tương tự - STEVAL-ISV013V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ISA059V1 STMICROELECTRONICS-STEVAL-ISA059V1 Datasheet
125Kb / 4P
   DC-DC converter demonstration board
March 2009 Rev 1
STEVAL-ISV003V1 STMICROELECTRONICS-STEVAL-ISV003V1 Datasheet
558Kb / 12P
   250 W microinverter for plug-in PV panels demonstration board
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
STMicroelectronics
STEVAL-ISV009V1 STMICROELECTRONICS-STEVAL-ISV009V1 Datasheet
104Kb / 4P
   300 W photovoltaic converter demonstration board based on the SPV1020
logo
Soshin electric Co., Lt...
NF2000E-SJB SOSHIN-NF2000E-SJB Datasheet
380Kb / 4P
   DC 1000VDC For DC line, large solar panel
logo
Semtech Corporation
SC1102 SEMTECH-SC1102 Datasheet
146Kb / 10P
   SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
logo
List of Unclassifed Man...
FMER-G92P-2517 ETC1-FMER-G92P-2517 Datasheet
727Kb / 9P
   Compact DC filter for photovoltaic systems
logo
Bourns Electronic Solut...
1420 BOURNS-1420 Datasheet
297Kb / 2P
   DC Power SPD for Photovoltaic Applications
logo
STMicroelectronics
STEVAL-ISV001V1 STMICROELECTRONICS-STEVAL-ISV001V1 Datasheet
313Kb / 6P
   1000 W dual stage DC-AC converter demonstration board based on the STP160N75F3
logo
Power Integrations, Inc...
DPA424 POWERINT-DPA424 Datasheet
290Kb / 36P
   Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com