công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

90004E3 bảng dữ liệu(PDF) 4 Page - Vishay Siliconix

tên linh kiện 90004E3
Giải thích chi tiết về linh kiện  Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

90004E3 bảng dữ liệu(HTML) 4 Page - Vishay Siliconix

  90004E3 Datasheet HTML 1Page - Vishay Siliconix 90004E3 Datasheet HTML 2Page - Vishay Siliconix 90004E3 Datasheet HTML 3Page - Vishay Siliconix 90004E3 Datasheet HTML 4Page - Vishay Siliconix 90004E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
220 EDLC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 20-Oct-16
4
Document Number: 28421
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MEASURING OF CHARACTERISTICS
CAPACITANCE (C)
Capacitance shall be measured by constant current
discharge method.
- Constant current charge with 10 mA/F to UR
- Constant voltage charge at UR for 5 min
- Constant current discharge with 10 mA/F to 0.1 V
Fig. 2 - Voltage Diagram for Capacitance Measurement
Capacitance value CR is given by discharge current ID, time
t and rated voltage UR, according to the following equation:
EQUIVALENT SERIES RESISTANCE (ESRDC)
- Constant current charge to UR
- Constant voltage charge at UR for 5 min
- Constant current discharge to 0.1 V
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
CR
Rated capacitance, in F
UR
Rated voltage, in V
U1
Starting voltage, 0.8 x UR in V
U2
Ending voltage, 0.4 x UR in V
U
3
Voltage drop at internal resistance, in V
t1
Time from start of discharge until voltage U1 is
reached, in s
t2
Time from start of discharge until voltage U2 is
reached, in s
ID
Absolute value of discharge current, in A
U
R
U
1
U
2
t
1
t
2
ΔU
3
(s)
30 min
C
R
F

I
D
A
 x t
2
s
 - t
1
s


U
1
V
 - U
2
V

---------------------------------------------------------------
=
ESRDC
Equivalent series resistance, in
U
R
Voltage drop at internal resistance, in V
ID
Absolute value of discharge current, in A
ESR
DC

U
3
V

I
D
A

---------------------
=


Số phần tương tự - 90004E3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SIPAT Co,Ltd
90004 SIPAT-90004 Datasheet
202Kb / 3P
   900MHz SAW Filter 30MHz Bandwidth
logo
List of Unclassifed Man...
900040 ETC-900040 Datasheet
6Mb / 68P
   Contacts
May 2019
900041 ETC-900041 Datasheet
6Mb / 68P
   Contacts
May 2019
900044 ETC-900044 Datasheet
6Mb / 68P
   Contacts
May 2019
logo
AVX Corporation
9000440 AVX-9000440 Datasheet
711Kb / 4P
   GPS/GLONASS/Beidou/Galileo FPC Antenna
11/7/2019
More results

Mô tả tương tự - 90004E3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MAL222090003E3 VISHAY-MAL222090003E3 Datasheet
108Kb / 5P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
Revision: 18-Jan-16
220EDLC VISHAY-220EDLC_V01 Datasheet
105Kb / 6P
   Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
01-Jan-2023
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
   Electrical Double Layer Energy Storage Capacitors
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
225EDLC-R VISHAY-225EDLC-R_V01 Datasheet
109Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
01-Jan-2023
225EDLC-R VISHAY-225EDLC-R Datasheet
119Kb / 6P
   Ruggedized Electrical Double Layer Energy Storage Capacitors
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
   Energy Storage Double Layer Capacitors
01-Jan-2023
196DLC VISHAY-196DLC_16 Datasheet
137Kb / 7P
   Energy Storage Double Layer Capacitors
Revision: 18-Jul-16
230EDLC VISHAY-230EDLC Datasheet
104Kb / 6P
   Electrical Double Layer Energy Storage Capacitors Up to 3 V Operating Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com