công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KA2198BD bảng dữ liệu(PDF) 3 Page - Samsung semiconductor

tên linh kiện KA2198BD
Giải thích chi tiết về linh kiện  RGB ENCODER FOR PAL/NTSC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMSUNG [Samsung semiconductor]
Trang chủ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2198BD bảng dữ liệu(HTML) 3 Page - Samsung semiconductor

  KA2198BD Datasheet HTML 1Page - Samsung semiconductor KA2198BD Datasheet HTML 2Page - Samsung semiconductor KA2198BD Datasheet HTML 3Page - Samsung semiconductor KA2198BD Datasheet HTML 4Page - Samsung semiconductor KA2198BD Datasheet HTML 5Page - Samsung semiconductor KA2198BD Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KA2198BD
RGB ENCODER FOR PAL/NTSC
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
100% Y Level ( CVBS )
VYW1
0.64
0.71
0.82
VP-P
Sync. Level 1 ( CVBS )
VSNC1
0.26
0.29
0.33
VP-P
R 100% Y Level Ratio (Y OUT)
VYR2
R,G,B input signal
0.19
0.21
0.25
-
G 100% Y Level Ratio (Y OUT)
VYG2
Vin=1.0VP-P
0.38
0.42
0.48
-
B 100% Y Level Ratio (Y OUT)
VYB2
(100% R,G,B / 100% Y)
0.07
0.08
0.09
-
100% Y Level (Y OUT)
VYW2
0.64
0.71
0.82
VP-P
Sync. Level 1 (Y OUT)
VSNC2
0.26
0.29
0.33
VP-P
Audio Buffer Gain
Ga
Audio Input
-1.0
1.0
1.1
dB
Audio Frequency Response
Fa
100KHz, 1VP-P
30
-
-
KHz
Audio Distortion
THD
-
-
1.0
%
NTSC mode
R Chroma Ratio 1 (CVBS)
R/B1
2.70
3.15
3.50
-
G Chroma Ratio 1 (CVBS)
G/B1
fsc input 3.58MHz, 400mVP-P
2.55
2.95
3.25
-
B Chroma Ratio 1 (CVBS)
B/B1
( check CVBS out )
1.90
2.24
2.47
-
Burst level 1 (CVBS)
Vob1
0.20
0.29
0.34
VP-P
R Chroma Ratio 2 (C OUT)
R/B2
2.70
3.15
3.50
-
G Chroma Ratio 2 (C OUT)
G/B2
fsc input 3.58MHz, 400mVP-P
2.55
2.95
3.25
-
B Chroma Ratio 2 (C OUT)
B/B2
( check C out )
1.90
2.24
2.47
-
Burst level 2 (C OUT)
Vob2
0.20
0.29
0.34
VP-P
R Phase (CVBS)
SRN
94
104
114
deg
G Phase (CVBS)
SGN
fsc input 3.58MHz, 400mVP-P
231
241
251
deg
B Phase (CVBS)
SBN
( check CVBS out )
337
347
357
deg
Burst Width
TWN
2.5
2.75
3.6
usec
Burst Position
TPN
0.45
0.5
0.75
usec
Carrier Leakage
CL
CVBS out, Y out
-
-
0.03
VP-P
PAL mode
R Chroma Ratio 3 (CVBS)
R/B3
2.70
3.15
3.50
-
G Chroma Ratio 3 (CVBS)
G/B3
fsc input 3.58MHz, 400mVP-P
2.55
2.95
3.25
-
B Chroma Ratio 3 (CVBS)
B/B3
( check CVBS out )
1.90
2.24
2.47
-
Burst level 3 (CVBS)
Vob3
0.20
0.29
0.34
VP-P
R Chroma Ratio 4 (C OUT)
R/B4
2.80
3.15
3.50
-
G Chroma Ratio 4 (C OUT)
G/B4
fsc input 3.58MHz, 400mVP-P
2.65
2.95
3.25
-
B Chroma Ratio 4 (C OUT)
B/B4
( check C out )
2.01
2.24
2.47
-
Burst level 4 (CVBS)
Vob4
0.20
0.29
0.34
VP-P
R Phase (CVBS)
SRP
94
104
114
deg
G Phase (CVBS)
SGP
fsc input 3.58MHz, 400mVP-P
231
241
251
deg
B Phase (CVBS)
SBP
( check CVBS out )
337
347
357
deg
Burst Width
TWP
2.0
2.25
2.5
usec
Burst Position
TPP
0.35
0.45
0.55
usec
PAL Burst Phase 1
P1
CVBS out, Y out
125
135
145
deg
PAL Burst Phase 2
P2
215
225
235
deg
Y Frequency Response
YFCP
Y output (-3dB point)
6.0
-
-
MHz


Số phần tương tự - KA2198BD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
KA2192 SAMSUNG-KA2192 Datasheet
77Kb / 6P
   4 IN PUT A/V SWITCH
KA2195 SAMSUNG-KA2195 Datasheet
84Kb / 7P
   RGB ENCODER FOR NTSC
KA2195D SAMSUNG-KA2195D Datasheet
84Kb / 7P
   RGB ENCODER FOR NTSC
logo
List of Unclassifed Man...
KA2195DTF ETC2-KA2195DTF Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Samsung semiconductor
KA2197 SAMSUNG-KA2197 Datasheet
55Kb / 5P
   RGB ENCODER FOR NTSC
More results

Mô tả tương tự - KA2198BD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Analog Devices
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Rohm
BU1425AK ROHM-BU1425AK Datasheet
307Kb / 32P
   NTSC / PAL digital RGB encoder
logo
Analog Devices
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
Samsung semiconductor
KA2195D SAMSUNG-KA2195D Datasheet
84Kb / 7P
   RGB ENCODER FOR NTSC
KA2197D SAMSUNG-KA2197D Datasheet
55Kb / 5P
   RGB ENCODER FOR NTSC
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com