công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-ISA154V1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STEVAL-ISA154V1
Giải thích chi tiết về linh kiện  0.7 A step-down switching regulator evaluation board based on the L5980
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA154V1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA154V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA154V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA154V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA154V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STEVAL-ISA154V1
0.7 A step-down switching regulator evaluation board based on
the L5980
Data brief
Features
0.7 A DC output current
2.9 V to 18 V input voltage
Output voltage adjustable from 0.6 V to 16 V
250 kHz switching frequency, programmable
up to 1 MHz
Internal soft-start and inhibit
Low dropout operation: 100% duty cycle
Zero-load current operation
Overcurrent and thermal protection
VFQFPN8 (3 x 3 mm) package
Description
The STEVAL-ISA154V1 product evaluation board
provides the design engineer with a fully
functional step-down switching regulator with an
output current of up to 0.7 A. The STEVAL-
ISA154V1 integrates STMicroelectronics' L5980
step-down switching regulator together with all
the external components required for a typical
application. The rated voltage of the input
capacitor and the Schottky diode rectifier
repetitive peak reverse voltage are both 25 V,
making the board capable of covering the entire
2.9 V - 18 V input voltage range of the L5980
device. The board features an external resistor
divider (R1 and R2) designed for an output
voltage of 3.3 V. The output voltage can be set to
a level from 0.6 V up to the rated voltage of the
output capacitor (16 V). The compensation
network on the evaluation board allows the use of
an MLCC as output filter to keep the loop stable.
The inductor saturation current and forward
current of the Schottky diode are within the
current limit values. The switching frequency on
the board is set to 500 kHz by means of the R5
resistor connected to pin Fsw.
April 2014
DocID026204 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com


Số phần tương tự - STEVAL-ISA154V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ISA152V1 STMICROELECTRONICS-STEVAL-ISA152V1 Datasheet
137Kb / 4P
   3 A DC output current
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
   12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
May 2014 Rev 1
STEVAL-ISA158V1 STMICROELECTRONICS-STEVAL-ISA158V1 Datasheet
281Kb / 5P
   Embedded output voltage supervisor
January 2015 Rev 1
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
   Thermal shutdown
May 2015 Rev 2
More results

Mô tả tương tự - STEVAL-ISA154V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
EVAL5980 STMICROELECTRONICS-EVAL5980 Datasheet
287Kb / 6P
   0.7 A step-down switching regulator demonstration board based on the L5980
March 2009 Rev 1
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
   1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA201V1 STMICROELECTRONICS-STEVAL-ISA201V1 Datasheet
275Kb / 4P
   3 A step-down switching regulator evaluation board based on the L5987
March 2017 Rev 1
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
   4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
   1 A step-down switching regulator demonstration board based on the L5981
March 2009 Rev 1
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
   2 A step-down switching regulator demonstration board based on the L5985
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
   1.5 A step-down switching regulator demonstration board based on the L5983
March 2009 Rev 1
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
   1.5 A step-down switching regulator based on the L5973AD
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com