công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74438333022 bảng dữ liệu(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

tên linh kiện 74438333022
Giải thích chi tiết về linh kiện  WE-MAPI SMD Shielded Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Trang chủ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74438333022 bảng dữ liệu(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74438333022_16 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438333022_16 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438333022_16 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438333022_16 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438333022_16 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438333022_16 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 74438333022_16 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Classification Reflow Profile for SMT components:
Time
Tp
tp
tL
tS
Ts max
Ts min
TC –5°C
TL
25
Time 25°C to Peak
Preheat Area
Max. Ramp Up Rate = 3°C/s
Max. Ramp Down Rate = 6°C/s
Profile Feature
Value
Preheat Temperature Min
Ts min 150 °C
Preheat Temperature Max
Ts max 200 °C
Preheat Time ts from Ts min to Ts max
ts
60 - 120 seconds
Ramp-up Rate (TL to TP)
3 °C/ second max.
Liquidous Temperature
TL
217 °C
Time tL maintained above TL
tL
60 - 150 seconds
Peak package body temperature
Tp
see table below
Time within 5°C of actual peak temperaure
t p
20 - 30 seconds
Ramp-down Rate (TL to TP)
6 °C/ second max.
Time 25°C to peak temperature
8 minutes max.
Classification Reflow Soldering Profile:
refer to IPC/ JEDEC J-STD-020E
Properties
Volume mm³
<350
Volume mm³
350-2000
Volume mm³
>2000
PB-Free Assembly | Package Thickness < 1.6 mm
260 °C
260 °C
260 °C
PB-Free Assembly | Package Thickness 1.6 mm - 2.5 mm
260 °C
250 °C
245 °C
PB-Free Assembly | Package Thickness ≥ 2.5 mm
250 °C
245 °C
245 °C
Package Classification Reflow Temperature:
refer to IPC/ JEDEC J-STD-020E
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
SSt
SSt
DIN ISO 2768-1m
DESCRIPTION
WE-MAPI SMD Shielded Power
Inductor
ORDER CODE
74438333022
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
3010
001.002
Valid
2015-11-10
eiSos
5/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Số phần tương tự - 74438333022_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
74438333022 WURTH-74438333022 Datasheet
1Mb / 6P
   WE-MAPI SMD Power Inductor
More results

Mô tả tương tự - 74438333022_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
744383430056 WURTH-744383430056 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
744383130033 WURTH-744383130033 Datasheet
497Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438335068 WURTH-74438335068_16 Datasheet
509Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438356015 WURTH-74438356015 Datasheet
516Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438343015 WURTH-74438343015 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438343022 WURTH-74438343022 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357015 WURTH-74438357015 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438324033 WURTH-74438324033 Datasheet
1Mb / 6P
   WE-MAPI SMD Shielded Power Inductor
74438324012 WURTH-74438324012 Datasheet
498Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
74438357012 WURTH-74438357012 Datasheet
580Kb / 7P
   WE-MAPI SMD Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com