công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STEVAL-ISA113V1 bảng dữ liệu(PDF) 3 Page - STMicroelectronics

tên linh kiện STEVAL-ISA113V1
Giải thích chi tiết về linh kiện  Wide range single-output demonstration board based on the VIPER06HS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA113V1 bảng dữ liệu(HTML) 3 Page - STMicroelectronics

  STEVAL-ISA113V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA113V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STEVAL-ISA113V1
Adapter features
Doc ID 024140 Rev 1
3/11
The transformer core is a standard E13. The output voltage value is set in a simple way
through the RfbH-RfbL voltage divider between the output terminal and the FB pin,
according to the following formula:
Equation 1
In the schematic, RfbH has been split into RfbH1 and RfbH2; and RfbL into RfbL1 and
RfbL2 in order to allow a better tuning of the output voltage value.
If the jumper J1 is not selected, the IC is biased through the internal HV-startup current
generator (“self-biasing”).
If low standby consumption and good efficiency performance are required, the HV-startup
current generator must be excluded. This can be done selecting the jumper J1, which
connects the output terminal to the VDD pin through a small signal diode. The IC biasing
through the output is referred to as “external biasing”.
IC1
VIPer06HS
Offline high-voltage PWM controller
SSO-10
ST
T1
1921.0040
Transformer
Magnetica
Lin
B82144A2105J 1 mH inductor LBC series
Epcos
Table 2.
Bill of material (continued)
Ref.
Part
Description
Package
Manufacturer
⎟⎟⎠
⎜⎜⎝
+
=
RfbL
RfbH
V
VOUT
1
3
.
3


Số phần tương tự - STEVAL-ISA113V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
   12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
February 2013 Rev 1
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
   Wide-range single-output demonstration board based on the VIPER26HN
December 2012 Rev 1
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
   Complying with EuP Lot 6 requirements
January 2013 Rev 1
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
   5 V, 160 mA non-isolated buck converter using VIPer??Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
   12 V, 150 mA non-isolated buck converter using VIPer??Plus - VIPER06XS
May 2014 Rev 2
More results

Mô tả tương tự - STEVAL-ISA113V1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
EVLVIP37LE5V3A STMICROELECTRONICS-EVLVIP37LE5V3A Datasheet
243Kb / 6P
   Wide range single-output demonstration board based on the VIPER37LE
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
   Wide-range single-output demonstration board based on the VIPER26HN
December 2012 Rev 1
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
   Ultra wide range dual output back converter demonstration board based on the VIPER16
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
   Demonstration board on 7 W single output based on the VIPer17
STEVAL-ISA122V1 STMICROELECTRONICS-STEVAL-ISA122V1 Datasheet
248Kb / 5P
   Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27
February 2013 Rev 1
STEVAL-MKI073V1 STMICROELECTRONICS-STEVAL-MKI073V1 Datasheet
118Kb / 4P
   MEMS demonstration board based on the LY3200ALH analog output single-axis gyroscope
STEVAL-MKI072V1 STMICROELECTRONICS-STEVAL-MKI072V1 Datasheet
119Kb / 4P
   MEMS demonstration board based on the LY3100ALH analog output single-axis gyroscope
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com